| Moteur de recherche de fiches techniques de composants électroniques |
|
MP4690 Fiches technique(PDF) 11 Page - Monolithic Power Systems |
|
|
|||||||||||||||||||||||||||||
MP4690 Fiches technique(HTML) 11 Page - Monolithic Power Systems |
|
11 / 11 page ![]() MP4690 – SMART BYPASS FOR LED OPEN PROTECTION NOTICE: The information in this document is subject to change without notice. Users should warrant and guarantee that third party Intellectual Property rights are not infringed upon when integrating MPS products into any application. MPS will not assume any legal responsibility for any said applications. MP4690 Rev. 1.0 www.MonolithicPower.com 11 7/7/2011 MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited. © 2011 MPS. All Rights Reserved. PACKAGE INFORMATION SOD123 FRONT VIEW NOTE: 1) ALL DIMENSIONS ARE IN MILLIMETERS. 2) PACKAGE LENGTH DOES NOT INCLUDE MOLD FLASH, PROTRUSION OR GATE BURR. 3) PACKAGE WIDTH DOES NOT INCLUDE INTERLEAD FLASH OR PROTRUSION. 4) LEAD COPLANARITY (BOTTOM OF LEADS AFTER FORMING) SHALL BE 0.10 MILLIMETERS MAX. 5) DRAWING CONFORMS TO JEDEC DO-219. 6) DRAWING IS NOT TO SCALE. TOP VIEW RECOMMENDED LAND PATTERN SIDE VIEW DETAIL ''A'' SEE DETAIL ''A'' SEATING PLANE |