Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

MCP6044ESL Fiches technique(PDF) 17 Page - Microchip Technology

No de pièce MCP6044ESL
Description  600 nA, Rail-to-Rail Input/Output Op Amps
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MICROCHIP [Microchip Technology]
Site Internet  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP6044ESL Fiches technique(HTML) 17 Page - Microchip Technology

Back Button MCP6044ESL Datasheet HTML 13Page - Microchip Technology MCP6044ESL Datasheet HTML 14Page - Microchip Technology MCP6044ESL Datasheet HTML 15Page - Microchip Technology MCP6044ESL Datasheet HTML 16Page - Microchip Technology MCP6044ESL Datasheet HTML 17Page - Microchip Technology MCP6044ESL Datasheet HTML 18Page - Microchip Technology MCP6044ESL Datasheet HTML 19Page - Microchip Technology MCP6044ESL Datasheet HTML 20Page - Microchip Technology MCP6044ESL Datasheet HTML 21Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 34 page
background image
© 2008 Microchip Technology Inc.
DS21669C-page 17
MCP6041/2/3/4
6.0
PACKAGING INFORMATION
6.1
Package Marking Information
8-Lead MSOP
Example
:
XXXXXX
YWWNNN
6043I
722256
5-Lead SOT-23 (
MCP6041)
Example:
XXNN
SB25
Device
I-Temp
Code
E-Temp
Code
MCP6041/T-E/OT
SPNN
SBNN
6-Lead SOT-23 (
MCP6043)
Example:
XXNN
SC25
Legend: XX...X
Customer-specific information
Y
Year code (last digit of calendar year)
YY
Year code (last 2 digits of calendar year)
WW
Week code (week of January 1 is week ‘01’)
NNN
Alphanumeric traceability code
Pb-free JEDEC designator for Matte Tin (Sn)
*
This package is Pb-free. The Pb-free JEDEC designator (
)
can be found on the outer packaging for this package.
Note:
In the event the full Microchip part number cannot be marked on one line, it will
be carried over to the next line, thus limiting the number of available
characters for customer-specific information.
3
e
3
e
Device
I-Temp
Code
E-Temp
Code
MCP6043T-E/CH
SCNN
SDNN
XXXXXXXX
XXXXXNNN
YYWW
8-Lead PDIP (300 mil)
Example
:
8-Lead SOIC (150 mil)
Example
:
XXXXXXXX
XXXXYYWW
NNN
MCP6041
I/P256
0722
MCP6042
I/SN0722
256
MCP6041
I/P
256
0722
MCP6042I
SN
0722
256
3
e
OR
OR
3
e



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34