Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

MCP6043IP Fiches technique(PDF) 18 Page - Microchip Technology

No de pièce MCP6043IP
Description  600 nA, Rail-to-Rail Input/Output Op Amps
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MICROCHIP [Microchip Technology]
Site Internet  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP6043IP Fiches technique(HTML) 18 Page - Microchip Technology

Back Button MCP6043IP Datasheet HTML 14Page - Microchip Technology MCP6043IP Datasheet HTML 15Page - Microchip Technology MCP6043IP Datasheet HTML 16Page - Microchip Technology MCP6043IP Datasheet HTML 17Page - Microchip Technology MCP6043IP Datasheet HTML 18Page - Microchip Technology MCP6043IP Datasheet HTML 19Page - Microchip Technology MCP6043IP Datasheet HTML 20Page - Microchip Technology MCP6043IP Datasheet HTML 21Page - Microchip Technology MCP6043IP Datasheet HTML 22Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 34 page
background image
MCP6041/2/3/4
DS21669C-page 18
© 2008 Microchip Technology Inc.
Package Marking Information (Continued)
14-Lead PDIP (300 mil) (
MCP6044)Example:
XXXXXXXXXXXXXX
XXXXXXXXXXXXXX
YYWWNNN
MCP6044-I/P
0722256
MCP6044
0722256
E/P 3
e
OR
14-Lead TSSOP (
MCP6044)
Example
:
14-Lead SOIC (150 mil) (
MCP6044)
Example:
XXXXXXXXXX
YYWWNNN
XXXXXXXX
YYWW
NNN
6044ST
0722
256
XXXXXXXXXX
MCP6044ISL
0722256
MCP6044
0722256
E/SL^^
OR
3
e
6044EST
0722
256
OR



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34