Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

MCP2120-IP Fiches technique(PDF) 26 Page - Microchip Technology

No de pièce MCP2120-IP
Description  Infrared Encoder/Decoder
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MICROCHIP [Microchip Technology]
Site Internet  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP2120-IP Fiches technique(HTML) 26 Page - Microchip Technology

Back Button MCP2120-IP Datasheet HTML 22Page - Microchip Technology MCP2120-IP Datasheet HTML 23Page - Microchip Technology MCP2120-IP Datasheet HTML 24Page - Microchip Technology MCP2120-IP Datasheet HTML 25Page - Microchip Technology MCP2120-IP Datasheet HTML 26Page - Microchip Technology MCP2120-IP Datasheet HTML 27Page - Microchip Technology MCP2120-IP Datasheet HTML 28Page - Microchip Technology MCP2120-IP Datasheet HTML 29Page - Microchip Technology MCP2120-IP Datasheet HTML 30Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 36 page
background image
MCP2120
DS21618B-page 26
© 2007 Microchip Technology Inc.
FIGURE 5-2:
IOH vs. VOH, VDD = 2.5V
FIGURE 5-3:
IOH vs. VOH, VDD = 5.5V
FIGURE 5-4:
IOL vs. VOL, VDD = 2.5V
FIGURE 5-1:
IOL vs. VOL, VDD = 5.5V
500m
1.0
1.5
VOH (Volts)
2.0
2.5
0
-1
-2
-3
-4
-5
-6
-7
Max –4
0°C
Typ +25
°C
Min +
85°C
3.5
4.0
4.5
VOH (Volts)
5.0
5.5
0
-5
-10
-15
-20
-25
-30
25
20
15
10
5
0
250.0m
500.0m
1.0
VOL (Volts)
Min +85
°C
Max –40
°C
Typ +25
°C
0
50
40
30
20
10
0
500.0m
750.0m
1.0
VOL (Volts)
250.0m
Min +85
°C
Max –40
°C
Typ +25
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36