Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

MCP2120 Fiches technique(PDF) 33 Page - Microchip Technology

No de pièce MCP2120
Description  Infrared Encoder/Decoder
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MICROCHIP [Microchip Technology]
Site Internet  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP2120 Fiches technique(HTML) 33 Page - Microchip Technology

Back Button MCP2120 Datasheet HTML 28Page - Microchip Technology MCP2120 Datasheet HTML 29Page - Microchip Technology MCP2120 Datasheet HTML 30Page - Microchip Technology MCP2120 Datasheet HTML 31Page - Microchip Technology MCP2120 Datasheet HTML 32Page - Microchip Technology MCP2120 Datasheet HTML 33Page - Microchip Technology MCP2120 Datasheet HTML 34Page - Microchip Technology MCP2120 Datasheet HTML 35Page - Microchip Technology MCP2120 Datasheet HTML 36Page - Microchip Technology  
Zoom Inzoom in Zoom Outzoom out
 33 / 36 page
background image
© 2007 Microchip Technology Inc.
DS21618B-page 33
MCP2120
PRODUCT IDENTIFICATION SYSTEM
To order or obtain information, e.g., on pricing or delivery, refer to the factory or the listed sales office
.
Device
MCP2120:
Infrared Encoder/Decoder
MCP2120T: Infrared Encoder/Decoder, Tape and Reel
Temperature Range
I
= -40×C to+85×C
Package
P
= Plastic DIP (300 mil, Body), 14-lead
SL = Plastic SOIC (150 mil, Body), 14-lead
PART NO.
X
/XX
Package
Temperature
Range
Device
Examples:
a)
MCP2120-I/P:
Industrial Temperature,
PDIP packaging
b)
MCP2120-I/SL: Industrial Temperature,
SOIC package
c)
MCP2120T-I/SL: Tape and Reel,
Industrial Temperature,
SOIC package



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36