Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

MP4012 Fiches technique(PDF) 16 Page - Monolithic Power Systems

No de pièce MP4012
Description  High-Brightness, High-Current Accuracy WLED Controller
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MPS [Monolithic Power Systems]
Site Internet  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP4012 Fiches technique(HTML) 16 Page - Monolithic Power Systems

Back Button MP4012 Datasheet HTML 9Page - Monolithic Power Systems MP4012 Datasheet HTML 10Page - Monolithic Power Systems MP4012 Datasheet HTML 11Page - Monolithic Power Systems MP4012 Datasheet HTML 12Page - Monolithic Power Systems MP4012 Datasheet HTML 13Page - Monolithic Power Systems MP4012 Datasheet HTML 14Page - Monolithic Power Systems MP4012 Datasheet HTML 15Page - Monolithic Power Systems MP4012 Datasheet HTML 16Page - Monolithic Power Systems MP4012 Datasheet HTML 17Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 16 / 17 page
background image
MP4012 ─ HIGH-VOLTAGE, HIGH-CURRENT ACCURACY WLED CONTROLLER
MP4012 Rev. 1.12
www.MonolithicPower.com
16
10/12/2013
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2013 MPS. All Rights Reserved.
VDD
FB
SYNC
OVP
RT
CL
REF
CS
GND
ISET
FAULT
GATE
VIN
SL
COMP
PWM
L1
VIN
CIN
M1
COUT
ROVP1
ROVP2
RSL
RT
CDD
CCOMP
CREF
RCL2
RCL1
RSET1
RSET2
RSC
RCS
PWM DIM
D1
SYNC
1
2
13
8
14
10
9
15
3
5
4
12
11
16
6
7
MP4012DS
RG1
VCC
SHDN
GND
RG2
OUT2
OUT1
MP8110DS
FB
FB
RFB
RG2
RG1
CVCC
COUT2
Rsense
8
2 NC
1
7
3
5
4
6
Figure8—MP4012 Buck-Boost Application Circuit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17