Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

PIC18F4550ESOSQTP Fiches technique(PDF) 70 Page - Microchip Technology

No de pièce PIC18F4550ESOSQTP
Description  28/40/44-Pin, High-Performance, Enhanced Flash, USB Microcontrollerswith nanoWatt Technology
PDF  438 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MICROCHIP [Microchip Technology]
Site Internet  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC18F4550ESOSQTP Fiches technique(HTML) 70 Page - Microchip Technology

Back Button PIC18F4550ESOSQTP Datasheet HTML 66Page - Microchip Technology PIC18F4550ESOSQTP Datasheet HTML 67Page - Microchip Technology PIC18F4550ESOSQTP Datasheet HTML 68Page - Microchip Technology PIC18F4550ESOSQTP Datasheet HTML 69Page - Microchip Technology PIC18F4550ESOSQTP Datasheet HTML 70Page - Microchip Technology PIC18F4550ESOSQTP Datasheet HTML 71Page - Microchip Technology PIC18F4550ESOSQTP Datasheet HTML 72Page - Microchip Technology PIC18F4550ESOSQTP Datasheet HTML 73Page - Microchip Technology PIC18F4550ESOSQTP Datasheet HTML 74Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 70 / 438 page
background image
PIC18F2455/2550/4455/4550
DS39632E-page 68
© 2009 Microchip Technology Inc.
5.3.5
SPECIAL FUNCTION REGISTERS
The Special Function Registers (SFRs) are registers
used by the CPU and peripheral modules for controlling
the desired operation of the device. These registers are
implemented as static RAM in the data memory space.
SFRs start at the top of data memory and extend down-
ward to occupy the top segment of Bank 15, from F60h
to FFFh. A list of these registers is given in Table 5-1
and Table 5-2.
The SFRs can be classified into two sets: those
associated with the “core” device functionality (ALU,
Resets and interrupts) and those related to the
peripheral functions. The Reset and interrupt registers
are described in their respective chapters, while the
ALU’s STATUS register is described later in this
section. Registers related to the operation of a
peripheral feature are described in the chapter for that
peripheral.
The SFRs are typically distributed among the
peripherals whose functions they control. Unused SFR
locations are unimplemented and read as ‘0’s.
TABLE 5-1:
SPECIAL FUNCTION REGISTER MAP
Address
Name
Address
Name
Address
Name
Address
Name
Address
Name
FFFh
TOSU
FDFh
INDF2(1)
FBFh
CCPR1H
F9Fh
IPR1
F7Fh
UEP15
FFEh
TOSH
FDEh POSTINC2(1)
FBEh
CCPR1L
F9Eh
PIR1
F7Eh
UEP14
FFDh
TOSL
FDDh POSTDEC2(1)
FBDh
CCP1CON
F9Dh
PIE1
F7Dh
UEP13
FFCh
STKPTR
FDCh PREINC2(1)
FBCh
CCPR2H
F9Ch
—(2)
F7Ch
UEP12
FFBh
PCLATU
FDBh
PLUSW2(1)
FBBh
CCPR2L
F9Bh OSCTUNE
F7Bh
UEP11
FFAh
PCLATH
FDAh
FSR2H
FBAh
CCP2CON
F9Ah
—(2)
F7Ah
UEP10
FF9h
PCL
FD9h
FSR2L
FB9h
—(2)
F99h
—(2)
F79h
UEP9
FF8h
TBLPTRU
FD8h
STATUS
FB8h
BAUDCON
F98h
—(2)
F78h
UEP8
FF7h
TBLPTRH
FD7h
TMR0H
FB7h ECCP1DEL
F97h
—(2)
F77h
UEP7
FF6h
TBLPTRL
FD6h
TMR0L
FB6h
ECCP1AS
F96h
TRISE(3)
F76h
UEP6
FF5h
TABLAT
FD5h
T0CON
FB5h
CVRCON
F95h
TRISD(3)
F75h
UEP5
FF4h
PRODH
FD4h
—(2)
FB4h
CMCON
F94h
TRISC
F74h
UEP4
FF3h
PRODL
FD3h
OSCCON
FB3h
TMR3H
F93h
TRISB
F73h
UEP3
FF2h
INTCON
FD2h
HLVDCON
FB2h
TMR3L
F92h
TRISA
F72h
UEP2
FF1h
INTCON2
FD1h
WDTCON
FB1h
T3CON
F91h
—(2)
F71h
UEP1
FF0h
INTCON3
FD0h
RCON
FB0h
SPBRGH
F90h
—(2)
F70h
UEP0
FEFh
INDF0(1)
FCFh
TMR1H
FAFh
SPBRG
F8Fh
—(2)
F6Fh
UCFG
FEEh POSTINC0(1)
FCEh
TMR1L
FAEh
RCREG
F8Eh
—(2)
F6Eh
UADDR
FEDh POSTDEC0(1)
FCDh
T1CON
FADh
TXREG
F8Dh
LATE(3)
F6Dh
UCON
FECh PREINC0(1)
FCCh
TMR2
FACh
TXSTA
F8Ch
LATD(3)
F6Ch
USTAT
FEBh
PLUSW0(1)
FCBh
PR2
FABh
RCSTA
F8Bh
LATC
F6Bh
UEIE
FEAh
FSR0H
FCAh
T2CON
FAAh
—(2)
F8Ah
LATB
F6Ah
UEIR
FE9h
FSR0L
FC9h
SSPBUF
FA9h
EEADR
F89h
LATA
F69h
UIE
FE8h
WREG
FC8h
SSPADD
FA8h
EEDATA
F88h
—(2)
F68h
UIR
FE7h
INDF1(1)
FC7h
SSPSTAT
FA7h
EECON2(1)
F87h
—(2)
F67h
UFRMH
FE6h POSTINC1(1)
FC6h
SSPCON1
FA6h
EECON1
F86h
—(2)
F66h
UFRML
FE5h POSTDEC1(1)
FC5h
SSPCON2
FA5h
—(2)
F85h
—(2)
F65h SPPCON(3)
FE4h PREINC1(1)
FC4h
ADRESH
FA4h
—(2)
F84h
PORTE
F64h
SPPEPS(3)
FE3h
PLUSW1(1)
FC3h
ADRESL
FA3h
—(2)
F83h
PORTD(3)
F63h
SPPCFG(3)
FE2h
FSR1H
FC2h
ADCON0
FA2h
IPR2
F82h
PORTC
F62h SPPDATA(3)
FE1h
FSR1L
FC1h
ADCON1
FA1h
PIR2
F81h
PORTB
F61h
—(2)
FE0h
BSR
FC0h
ADCON2
FA0h
PIE2
F80h
PORTA
F60h
—(2)
Note 1:
Not a physical register.
2:
Unimplemented registers are read as ‘0’.
3:
These registers are implemented only on 40/44-pin devices.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More