| Moteur de recherche de fiches techniques de composants électroniques |
|
PIC18F4550ESPQTP Fiches technique(PDF) 5 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
PIC18F4550ESPQTP Fiches technique(HTML) 5 Page - Microchip Technology |
|
5 / 438 page ![]() © 2009 Microchip Technology Inc. DS39632E-page 3 PIC18F2455/2550/4455/4550 Pin Diagrams (Continued) PIC18F4455 44-Pin TQFP 44-Pin QFN PIC18F4455 PIC18F4550 PIC18F4550 10 11 2 3 6 1 8 7 29 30 31 32 33 23 24 25 26 27 28 9 NC/ICRST(2)/ICVPP(2) RC0/T1OSO/T13CKI OSC2/CLKO/RA6 OSC1/CLKI VSS VDD RE2/AN7/OESPP RE1/AN6/CK2SPP RE0/AN5/CK1SPP RA5/AN4/SS/HLVDIN/C2OUT RA4/T0CKI/C1OUT/RCV RC7/RX/DT/SDO RD4/SPP4 RD5/SPP5/P1B RD6/SPP6/P1C VSS VDD RB0/AN12/INT0/FLT0/SDI/SDA RB1/AN10/INT1/SCK/SCL RB2/AN8/INT2/VMO RB3/AN9/CCP2(1)/VPO RD7/SPP7/P1D 5 4 10 11 2 3 6 1 8 7 29 30 31 32 33 23 24 25 26 27 28 9 OSC2/CLKO/RA6 OSC1/CLKI VSS VDD RE2/AN7/OESPP RE1/AN6/CK2SPP RE0/AN5/CK1SPP RA5/AN4/SS/HLVDIN/C2OUT RA4/T0CKI/C1OUT/RCV RC7/RX/DT/SDO RD4/SPP4 RD5/SPP5/P1B RD6/SPP6/P1C VSS VDD RB0/AN12/INT0/FLT0/SDI/SDA RB1/AN10/INT1/SCK/SCL RB2/AN8/INT2/VMO RD7/SPP7/P1D 5 4 VSS VDD VDD Note 1: RB3 is the alternate pin for CCP2 multiplexing. 2: Special ICPORT features available in select circumstances. See Section 25.9 “Special ICPORT Features (44-Pin TQFP Package Only)” for more information. |