| Moteur de recherche de fiches techniques de composants électroniques |
|
PIC16F1783 Fiches technique(PDF) 49 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
PIC16F1783 Fiches technique(HTML) 49 Page - Microchip Technology |
|
49 / 444 page ![]() 2011-2012 Microchip Technology Inc. Preliminary DS41579C-page 49 PIC16(L)F1782/3 5.0 RESETS There are multiple ways to reset this device: • Power-on Reset (POR) • Brown-out Reset (BOR) • Low Power Brown-out Reset (LPBOR) •MCLR Reset •WDT Reset • RESET instruction • Stack Overflow • Stack Underflow • Programming mode exit To allow VDD to stabilize, an optional power-up timer can be enabled to extend the Reset time after a BOR or POR event. A simplified block diagram of the On-Chip Reset Circuit is shown in Figure 5-1. FIGURE 5-1: SIMPLIFIED BLOCK DIAGRAM OF ON-CHIP RESET CIRCUIT Note 1: See Table 5-1 for BOR active conditions. Device Reset Power-on Reset WDT Time-out Brown-out Reset LPBOR Reset RESET Instruction MCLRE Sleep BOR Active(1) PWRT R Done PWRTE LFINTOSC VDD ICSP Programming Mode Exit Stack Pointer |