Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AD7859AS Fiches technique(PDF) 20 Page - Analog Devices

No de pièce AD7859AS
Description  3 V to 5 V Single Supply, 200 kSPS 8-Channel, 12-Bit Sampling ADCs
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AD [Analog Devices]
Site Internet  http://www.analog.com
Logo AD - Analog Devices

AD7859AS Fiches technique(HTML) 20 Page - Analog Devices

Back Button AD7859AS Datasheet HTML 16Page - Analog Devices AD7859AS Datasheet HTML 17Page - Analog Devices AD7859AS Datasheet HTML 18Page - Analog Devices AD7859AS Datasheet HTML 19Page - Analog Devices AD7859AS Datasheet HTML 20Page - Analog Devices AD7859AS Datasheet HTML 21Page - Analog Devices AD7859AS Datasheet HTML 22Page - Analog Devices AD7859AS Datasheet HTML 23Page - Analog Devices AD7859AS Datasheet HTML 24Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 28 page
background image
AD7859/AD7859L
REV. A
–20–
THROUGHPUT RATE – kSPS
1
0.1
0.01
010
2468
AD7859 FULL POWER-DOWN
VDD = 3V CLKIN = 4MHz
ON-CHIP REFERENCE
Figure 24. Power vs. Throughput AD7859
THROUGHPUT RATE – kSPS
1
0.1
0.01
020
4
8
12
16
AD7859L FULL POWER-DOWN
VDD = 3V CLKIN = 1.8MHz
ON-CHIP REFERENCE
Figure 25. Power vs. Throughput AD7859L
THROUGHPUT RATE – kSPS
0.01
050
10
20
30
40
0.1
1
10
AD7859 FULL POWER-DOWN
VDD = 3V CLKIN = 4MHz
ON-CHIP REFERENCE
Figure 26. Power vs. Throughput AD7859
THROUGHPUT RATE – kSPS
0.01
050
10
20
30
40
0.1
1
10
AD7859L FULL POWER-DOWN
VDD = 3V CLKIN = 1.8MHz
ON-CHIP REFERENCE
Figure 27. Power vs. Throughput AD7859L



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com