| Moteur de recherche de fiches techniques de composants électroniques |
|
VC20MA0950KBA Fiches technique(PDF) 7 Page - AVX Corporation |
|
|
|||||||||||||||||||||||||||||
VC20MA0950KBA Fiches technique(HTML) 7 Page - AVX Corporation |
|
7 / 8 page ![]() 17 AUTOMOTIVE SERIES – VJ13, 14, 15, 20 TEMPERATURE DEPENDENCE OF V/I CHARACTERISTIC Medium Power MLV (VJ13, 14, 15, 20) Medium Power Multilayer Chip Varistor Transient Voltage Suppression, ESD Protection Devices & EMI Devices -40 °C +85 °C +25 °C +125 °C 100 10 1E-07 1E-06 1E-05 1E-04 1E-03 1E-02 Current (A) VJ20MA0160K -40 °C +85 °C +25 °C +125 °C 100 10 1E-07 1E-06 1E-05 1E-04 1E-03 1E-02 Current (A) VJ13MA0160K -40 °C +85 °C +25 °C +125 °C 100 10 1E-07 1E-06 1E-05 1E-04 1E-03 1E-02 Current (A) VJ14MA0160K |