Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

F1509 Fiches technique(PDF) 55 Page - Microchip Technology

No de pièce F1509
Description  20-Pin Flash, 8-Bit Microcontrollers with XLP Technology
PDF  418 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MICROCHIP [Microchip Technology]
Site Internet  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

F1509 Fiches technique(HTML) 55 Page - Microchip Technology

Back Button F1509 Datasheet HTML 51Page - Microchip Technology F1509 Datasheet HTML 52Page - Microchip Technology F1509 Datasheet HTML 53Page - Microchip Technology F1509 Datasheet HTML 54Page - Microchip Technology F1509 Datasheet HTML 55Page - Microchip Technology F1509 Datasheet HTML 56Page - Microchip Technology F1509 Datasheet HTML 57Page - Microchip Technology F1509 Datasheet HTML 58Page - Microchip Technology F1509 Datasheet HTML 59Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 55 / 418 page
background image
 2011-2013 Microchip Technology Inc.
DS40001609C-page 55
PIC16(L)F1508/9
5.3
Clock Switching
The system clock source can be switched between
external and internal clock sources via software using
the System Clock Select (SCS) bits of the OSCCON
register. The following clock sources can be selected
using the SCS bits:
• Default system oscillator determined by FOSC
bits in Configuration Words
• Secondary oscillator 32 kHz crystal
• Internal Oscillator Block (INTOSC)
5.3.1
SYSTEM CLOCK SELECT (SCS)
BITS
The System Clock Select (SCS) bits of the OSCCON
register selects the system clock source that is used for
the CPU and peripherals.
• When the SCS bits of the OSCCON register = 00,
the system clock source is determined by value of
the FOSC<2:0> bits in the Configuration Words.
• When the SCS bits of the OSCCON register = 01,
the system clock source is the secondary
oscillator.
• When the SCS bits of the OSCCON register = 1x,
the system clock source is chosen by the internal
oscillator frequency selected by the IRCF<3:0>
bits of the OSCCON register. After a Reset, the
SCS bits of the OSCCON register are always
cleared.
When switching between clock sources, a delay is
required to allow the new clock to stabilize. These oscil-
lator delays are shown in Table 5-3.
5.3.2
OSCILLATOR START-UP TIMER
STATUS (OSTS) BIT
The Oscillator Start-up Timer Status (OSTS) bit in the
OSCSTAT register has different definitions that are
dependent on the FOSC bit selection in the
Configuration Word. Table 5-2 defines the OSTS bit
value for the FOSC selections.
The normal function of the OSTS bit is when
FOSC<2:0> selects one of the external oscillator
modes, HS, XT or LP, while the OST is counting pulses
on the OSC1 pin from the external oscillator,
OSTS = 0. When the OST has counted 1024 pulses,
the OSTS bit should be set, OSTS = 1, indicating the
oscillator is stable and ready to be used.
When Fail-Safe Clock Monitor and/or Two-Speed
Start-up are enabled, (FCMEN = 1 and/or IESO = 1),
the device will operate using the internal oscillator
(INTOSC) selected by the IRCF<3:0> bits, whenever
OSTS = 0.
When
the
OST
period
expires,
(OSTS = 1), the system clock will switch to the external
oscillator selected.
When Fail-Safe Clock Monitor and Two-Speed
Start-up are disabled, (FCMEN = 0 and IESO = 0), the
device will be held in Reset while OSTS = 0. When
OST period expires, (OSTS = 1), Reset will be
released and execution will begin 10 FOSC cycles later
using the external oscillator selected.
For definition of the OSTS bit with clock sources other
than external oscillator modes (HS, XT or LP), see
Table 5-2.
The OSTS bit does not reflect the status of the
secondary oscillator.
5.3.3
SECONDARY OSCILLATOR
The secondary oscillator is a separate crystal oscillator
associated with the Timer1 peripheral. It is optimized
for timekeeping operations with a 32.768 kHz crystal
connected between the SOSCO and SOSCI device
pins.
The secondary oscillator is enabled using the
T1OSCEN control bit in the T1CON register. See
Section 19.0 “Timer1 Module with Gate Control” for
more information about the Timer1 peripheral.
5.3.4
SECONDARY OSCILLATOR READY
(SOSCR) BIT
The user must ensure that the secondary oscillator is
ready to be used before it is selected as a system clock
source. The Secondary Oscillator Ready (SOSCR) bit
of the OSCSTAT register indicates whether the
secondary oscillator is ready to be used. After the
SOSCR bit is set, the SCS bits can be configured to
select the secondary oscillator.
Note:
Any automatic clock switch, which may
occur
from
Two-Speed
Start-up
or
Fail-Safe Clock Monitor, does not update
the SCS bits of the OSCCON register. The
user can monitor the OSTS bit of the
OSCSTAT register to determine the current
system clock source. See Table 5-2.
TABLE 5-2:
OSTS BIT DEFINITION
FOSC<2:0>
selection
SCS<1:0> bits
00
01
1x
OSTS value
INTOSC
000
ECH, ECM, ECL,
EXTRC
100
HS, XT, LP
normal*
00
* Normal function for oscillator modes (OSTS = 0),
while OST counting (OSTS = 1), after OST count
has expired.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com