| Moteur de recherche de fiches techniques de composants électroniques |
|
F1508 Fiches technique(PDF) 7 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
F1508 Fiches technique(HTML) 7 Page - Microchip Technology |
|
7 / 418 page ![]() 2011-2013 Microchip Technology Inc. DS40001609C-page 7 PIC16(L)F1508/9 1.0 DEVICE OVERVIEW The PIC16(L)F1508/9 are described within this data sheet. The block diagram of these devices are shown in Figure 1-1, the available peripherals are shown in Table 1-1, and the pin out descriptions are shown in Tables 1-2 . TABLE 1-1: DEVICE PERIPHERAL SUMMARY Peripheral Analog-to-Digital Converter (ADC) ● ● ●●● Complementary Wave Generator (CWG) ● ● ●●● Digital-to-Analog Converter (DAC) ● ● ●● Enhanced Universal Synchronous/Asynchronous Receiver/Transmitter (EUSART) ●● Fixed Voltage Reference (FVR) ● ● ●●● Numerically Controlled Oscillator (NCO) ● ● ●●● Temperature Indicator ● ● ●●● Comparators C1 ● ● ●● C2 ● ●● Configurable Logic Cell (CLC) CLC1 ● ● ●●● CLC2 ● ● ●●● CLC3 ●● CLC4 ●● Master Synchronous Serial Ports MSSP1 ● ●● PWM Modules PWM1 ● ● ●●● PWM2 ● ● ●●● PWM3 ● ● ●●● PWM4 ● ● ●●● Timers Timer0 ● ● ●●● Timer1 ● ● ●●● Timer2 ● ● ●●● |