| Moteur de recherche de fiches techniques de composants électroniques |
|
MF-LS260 Fiches technique(PDF) 4 Page - Bourns Electronic Solutions |
|
|
|||||||||||||||||||||||||||||
MF-LS260 Fiches technique(HTML) 4 Page - Bourns Electronic Solutions |
|
4 / 4 page ![]() MF-S, MF-LS, MF-LR and MF-VS Series Tape and Reel Specifications Specifications are subject to change without notice. The device characteristics and parameters in this data sheet can and do vary in different applications and actual device performance may vary over time. Users should verify actual device performance in their specific applications. DIMENSIONS: MM (INCHES) Taped Component Dimensions PASTEBOARD HOLD PASTEBOARD HOLD 4.0 ± 0.2 (.157 ± .008) 2.0 (.079) RADIUS DIA. 13.0 (.512) DIA. 1.0 + 0.1/ -0 (.039 + .004/-0) 5.56 ± 0.10 (.219 ± .004) 4.0 ± 0.1 (.157 ± .004) 12.0 ± 0.1 (.472 ± .004) 48.0 ± 0.3 (1.90 ± .012) 0.2 (.008) MAX. 330 (13.0) 8.0 ± 0.2 (.315 ± .008) Reel Dimensions |