Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

HCS300-I-P Fiches technique(PDF) 21 Page - Microchip Technology

No de pièce HCS300-I-P
Description  KEELOQ Code Hopping Encoder
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MICROCHIP [Microchip Technology]
Site Internet  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

HCS300-I-P Fiches technique(HTML) 21 Page - Microchip Technology

Back Button HCS300-I-P Datasheet HTML 17Page - Microchip Technology HCS300-I-P Datasheet HTML 18Page - Microchip Technology HCS300-I-P Datasheet HTML 19Page - Microchip Technology HCS300-I-P Datasheet HTML 20Page - Microchip Technology HCS300-I-P Datasheet HTML 21Page - Microchip Technology HCS300-I-P Datasheet HTML 22Page - Microchip Technology HCS300-I-P Datasheet HTML 23Page - Microchip Technology HCS300-I-P Datasheet HTML 24Page - Microchip Technology HCS300-I-P Datasheet HTML 25Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 28 page
background image
© 2001 Microchip Technology Inc.
DS21137F-page 21
HCS300
9.0
PACKAGING INFORMATION
9.1
Package Marking Information
8-Lead PDIP (300 mil)
Example
8-Lead SOIC (150 mil)
Example
XXXXXXXX
XXXXXNNN
YYWW
HCS300
XXXXXNNN
0025
XXXXXXX
XXXYYWW
NNN
HC300
XXX0025
NNN
Legend:
XX...X
Customer specific information*
Y
Year code (last digit of calendar year)
YY
Year code (last 2 digits of calendar year)
WW
Week code (week of January 1 is week ‘01’)
NNN
Alphanumeric traceability code
Note:
In the event the full Microchip part number cannot be marked on one line, it will
be carried over to the next line thus limiting the number of available characters
for customer specific information.
*
Standard PICmicro device marking consists of Microchip part number, year code, week code, and
traceability code. For PICmicro device marking beyond this, certain price adders apply. Please check
with your Microchip Sales Office. For QTP devices, any special marking adders are included in QTP
price.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28