| Moteur de recherche de fiches techniques de composants électroniques |
|
LPV358M Fiches technique(PDF) 17 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
LPV358M Fiches technique(HTML) 17 Page - Texas Instruments |
|
17 / 28 page ![]() PACKAGE OPTION ADDENDUM www.ti.com 1-Nov-2013 Addendum-Page 1 PACKAGING INFORMATION Orderable Device Status (1) Package Type Package Drawing Pins Package Qty Eco Plan (2) Lead/Ball Finish (6) MSL Peak Temp (3) Op Temp (°C) Device Marking (4/5) Samples LPV321M5 NRND SOT-23 DBV 5 1000 TBD Call TI Call TI -40 to 85 A27A LPV321M5/NOPB ACTIVE SOT-23 DBV 5 1000 Green (RoHS & no Sb/Br) CU SN Level-1-260C-UNLIM -40 to 85 A27A LPV321M5X NRND SOT-23 DBV 5 3000 TBD Call TI Call TI -40 to 85 A27A LPV321M5X/NOPB ACTIVE SOT-23 DBV 5 3000 Green (RoHS & no Sb/Br) CU SN Level-1-260C-UNLIM -40 to 85 A27A LPV321M7 NRND SC70 DCK 5 1000 TBD Call TI Call TI -40 to 85 A19 LPV321M7/NOPB ACTIVE SC70 DCK 5 1000 Green (RoHS & no Sb/Br) CU SN Level-1-260C-UNLIM -40 to 85 A19 LPV321M7X NRND SC70 DCK 5 3000 TBD Call TI Call TI -40 to 85 A19 LPV321M7X/NOPB ACTIVE SC70 DCK 5 3000 Green (RoHS & no Sb/Br) CU SN Level-1-260C-UNLIM -40 to 85 A19 LPV324M/NOPB ACTIVE SOIC D 14 55 Green (RoHS & no Sb/Br) CU SN Level-1-260C-UNLIM -40 to 85 LPV324M LPV324MT/NOPB ACTIVE TSSOP PW 14 94 Green (RoHS & no Sb/Br) CU SN Level-1-260C-UNLIM -40 to 85 LPV324 MT LPV324MTX NRND TSSOP PW 14 2500 TBD Call TI Call TI -40 to 85 LPV324 MT LPV324MTX/NOPB ACTIVE TSSOP PW 14 2500 Green (RoHS & no Sb/Br) CU SN Level-1-260C-UNLIM -40 to 85 LPV324 MT LPV324MX NRND SOIC D 14 2500 TBD Call TI Call TI -40 to 85 LPV324M LPV324MX/NOPB ACTIVE SOIC D 14 2500 Green (RoHS & no Sb/Br) CU SN Level-1-260C-UNLIM -40 to 85 LPV324M LPV358M/NOPB ACTIVE SOIC D 8 95 Green (RoHS & no Sb/Br) CU SN Level-1-260C-UNLIM LPV 358M LPV358MM NRND VSSOP DGK 8 1000 TBD Call TI Call TI -40 to 85 P358 LPV358MM/NOPB ACTIVE VSSOP DGK 8 1000 Green (RoHS & no Sb/Br) CU SN Level-1-260C-UNLIM -40 to 85 P358 LPV358MMX/NOPB ACTIVE VSSOP DGK 8 3500 Green (RoHS & no Sb/Br) CU SN Level-1-260C-UNLIM -40 to 85 P358 LPV358MX NRND SOIC D 8 2500 TBD Call TI Call TI -40 to 85 LPV 358M |