Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

L7824ABV Fiches technique(PDF) 48 Page - STMicroelectronics

No de pièce L7824ABV
Description  Positive voltage regulator ICs
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L7824ABV Fiches technique(HTML) 48 Page - STMicroelectronics

Back Button L7824ABV Datasheet HTML 44Page - STMicroelectronics L7824ABV Datasheet HTML 45Page - STMicroelectronics L7824ABV Datasheet HTML 46Page - STMicroelectronics L7824ABV Datasheet HTML 47Page - STMicroelectronics L7824ABV Datasheet HTML 48Page - STMicroelectronics L7824ABV Datasheet HTML 49Page - STMicroelectronics L7824ABV Datasheet HTML 50Page - STMicroelectronics L7824ABV Datasheet HTML 51Page - STMicroelectronics L7824ABV Datasheet HTML 52Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 57 page
background image
Package mechanical data
L78xx, L78xxC, L78xxAB, L78xxAC
48/57
DocID2143 Rev 31
Figure 45. Drawing dimension tape and reel for DPAK
Table 27. Tape and reel DPAK mechanical data
Dim.
mm.
inch.
Min.
Typ.
Max.
Min.
Typ.
Max.
A
330
12.992
C
12.8
13.0
13.2
0.504
0.512
0.519
D
20.2
0.795
N
60
2.362
T
22.4
0.882
Ao
6.80
6.90
7.00
0.268
0.272
0.2.76
Bo
10.40
10.50
10.60
0.409
0.413
0.417
Ko
2.55
2.65
2.75
0.100
0.104
0.105
Po
3.9
4.0
4.1
0.153
0.157
0.161
P
7.9
8.0
8.1
0.311
0.315
0.319



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57