Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

L7812ABV Fiches technique(PDF) 35 Page - STMicroelectronics

No de pièce L7812ABV
Description  Positive voltage regulator ICs
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L7812ABV Fiches technique(HTML) 35 Page - STMicroelectronics

Back Button L7812ABV Datasheet HTML 31Page - STMicroelectronics L7812ABV Datasheet HTML 32Page - STMicroelectronics L7812ABV Datasheet HTML 33Page - STMicroelectronics L7812ABV Datasheet HTML 34Page - STMicroelectronics L7812ABV Datasheet HTML 35Page - STMicroelectronics L7812ABV Datasheet HTML 36Page - STMicroelectronics L7812ABV Datasheet HTML 37Page - STMicroelectronics L7812ABV Datasheet HTML 38Page - STMicroelectronics L7812ABV Datasheet HTML 39Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 57 page
background image
DocID2143 Rev 31
35/57
L78xx, L78xxC, L78xxAB, L78xxAC
Application information
Note:
Q2 is connected as a diode in order to compensate the variation of the Q1 VBE with the
temperature. C allows a slow rise time of the VO.
Figure 26. Adjustable output voltage with temperature compensation
VO = VXX (1+R2/R1) + VBE
Figure 27. Light controllers (VO(min) = VXX + VBE)
VO rises when the light goes up
VO falls when the light goes up



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57