Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

L6599A Fiches technique(PDF) 31 Page - STMicroelectronics

No de pièce L6599A
Description  Improved high-voltage resonant controller
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6599A Fiches technique(HTML) 31 Page - STMicroelectronics

Back Button L6599A Datasheet HTML 27Page - STMicroelectronics L6599A Datasheet HTML 28Page - STMicroelectronics L6599A Datasheet HTML 29Page - STMicroelectronics L6599A Datasheet HTML 30Page - STMicroelectronics L6599A Datasheet HTML 31Page - STMicroelectronics L6599A Datasheet HTML 32Page - STMicroelectronics L6599A Datasheet HTML 33Page - STMicroelectronics L6599A Datasheet HTML 34Page - STMicroelectronics L6599A Datasheet HTML 35Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 31 / 35 page
background image
L6599A
Package mechanical data
Doc ID 15308 Rev 7
31/35
8
Package mechanical data
In order to meet environmental requirements, ST offers these devices in different grades of
ECOPACK® packages, depending on their level of environmental compliance. ECOPACK
specifications, grade definitions and product status are available at
www.st.com.
ECOPACK is an ST trademark.
Figure 33.
DIP16 drawing
Table 6.
DIP16 mechanical data
Dim.
mm
Min.
Typ.
Max.
a1
0.51
B0.77
1.65
b0.5
b1
0.25
D
20
E8.5
e2.54
e3
17.78
F
7.1
I
5.1
L3.3
Z
1.27



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35