Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

L4979D Fiches technique(PDF) 11 Page - STMicroelectronics

No de pièce L4979D
Description  Low drop voltage regulator
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L4979D Fiches technique(HTML) 11 Page - STMicroelectronics

Back Button L4979D Datasheet HTML 7Page - STMicroelectronics L4979D Datasheet HTML 8Page - STMicroelectronics L4979D Datasheet HTML 9Page - STMicroelectronics L4979D Datasheet HTML 10Page - STMicroelectronics L4979D Datasheet HTML 11Page - STMicroelectronics L4979D Datasheet HTML 12Page - STMicroelectronics L4979D Datasheet HTML 13Page - STMicroelectronics L4979D Datasheet HTML 14Page - STMicroelectronics L4979D Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 22 page
background image
L4979D, L4979MD
Application information
Doc ID 10262 Rev 9
11/22
Table 10.
Reset time diagram
3.3
Watchdog
The watchdog input Wi monitors a connected microcontroller. If pulses are missing, the
reset output Res is set to low. The pulse sequence time can be set within a wide range
through the external capacitor Ctw. The watchdog circuit discharges the capacitor Ctw with
the constant current Icwd. If the lower threshold Vwlth is reached, a watchdog reset is
generated. To prevent this reset, the microcontroller must generate a positive edge during
the discharge of the capacitor before the voltage has reached the threshold Vwlth. In order to
calculate the minimum time Tdis during which the microcontroller must generate the positive
edge, the following equation can be used:
Each Wi positive edge switches the current source from discharging to charging; the same
happens when the lower Vwlth threshold is reached. When the voltage reaches the upper
threshold Vwhth the current switches from charging to discharging. The result is a saw tooth
voltage at the watchdog timer capacitor Ctw.
Figure 4.
Watchdog time diagram
V
whth
V
wlth
–
 C
tw
I
cwd
T
dis
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22