Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

VTT3425LAH Fiches technique(PDF) 3 Page - List of Unclassifed Manufacturers

No de pièce VTT3425LAH
Description  Low-cost visible and near-IR photodetection
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ETC2 [List of Unclassifed Manufacturers]
Site Internet  
Logo ETC2 - List of Unclassifed Manufacturers

VTT3425LAH Fiches technique(HTML) 3 Page - List of Unclassifed Manufacturers

  VTT3425LAH Datasheet HTML 1Page - List of Unclassifed Manufacturers VTT3425LAH Datasheet HTML 2Page - List of Unclassifed Manufacturers VTT3425LAH Datasheet HTML 3Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
www.optoelectronics.perkinelmer.com
21
Phototransistors
Light Current
Dark Current
Angular
Part
H fc (mW/cm2)
nA
VCE
VBR(CEO)
VBR(ECO)
VCE(SAT)
tR/tF
Response
Number
mA min.
VCE=5 V
max.
Volts
Volts min.
Volts min.
Volts max.
µsec, typ.
θ
1/2
VTT1015H
0.4
100 (5)
25
20
40
6
0.4
5
±35˚
VTT1016H
1
100 (5)
25
20
30
6
0.4
5
±35˚
VTT1017H
2.5
100 (5)
25
10
20
4
0.4
8
±35˚
VTT1115H
1
20 (1)
100
10
30
6
0.4
5
±15˚
VTT1116H
2
20 (1)
100
10
30
4
0.4
8
±15˚
VTT1117H
4
20 (1)
100
10
30
4
0.4
8
±15˚
.05’’ x .05’’ NPN Phototransistors
Technical Specification
TO-46 Flat Window Package
VTT1015
VTT1016
VTT1017
TO-46 Lensed Package
VTT1115
VTT1116
VTT1117
Table Key
I
C
Light Current
I
CEO
Dark Current
H=0
V
BR(CEO)
Collector Breakdown
I
C
=100 µA, H=0
V
BR(ECO)
Emitter Breakdown
I
E
=100 µA, H=0
V
CE(SAT)
Saturation Voltage
I
C
=1 mA, H=400 fc
t
R
/t
F
Rise/Fall Time
I
C
=1 mA, R
L
=100
Ω
Electro-Optical Characteristics @ 25°C
CR10TE
• Surface mounting device
• Solid state ceramic chip
• High thermal conductivity
• Special type (CR10TE-DLF) with
daylight filter on request
Peak Sensitivity
Dark
Active
Rise/Fall
Part
Spectral
Wavelength
Vce
P-Current
Current
Area
Time
Number
Package*
Range
(nm)
(V)
(nA)
(mm2)
Orientation
CR10TE
Ceramic
400–1070
850
40
3
400
0.19
10/10
High Vce
SMD (A1)
CR50TE
Ceramic
400–1070
850
40
3
400
0.19
10/10
High Vce
SMD (A2)
I
Technical Specification
* All packages are listed on our website.



Html Pages

1 2 3


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com