| Moteur de recherche de fiches techniques de composants électroniques |
|
VTT3324LAH Fiches technique(PDF) 2 Page - List of Unclassifed Manufacturers |
|
|
|||||||||||||||||||||||||||||
VTT3324LAH Fiches technique(HTML) 2 Page - List of Unclassifed Manufacturers |
|
2 / 3 page ![]() NPN Phototransistors 0.25", small area, high speed 0.04", medium area, high sensitivity 0.05", large area, high sensitivity 20 www.optoelectronics.perkinelmer.com Light Current Dark Current Angular Part H fc (mW/cm2) nA VCE VBR(CEO) VBR(ECO) VCE(SAT) tR/tF Response Number mA min. VCE=5 V max. Volts Volts min. Volts min. Volts max. µsec, typ. θ 1/2 VTT1222WH 1.9 100 (5) 10 20 50 6 0.25 2 ±40˚ VTT1223WH 1.5 100 (5) 10 20 40 6 0.25 3 ±40˚ VTT1225H 4 100 (5) 100 10 30 5 0.25 1.5 ±5˚ VTT1226H 7.5 100 (5) 100 10 30 5 0.25 3 ±5˚ VTT1227H 12 100 (5) 100 10 30 5 0.25 4 ±5˚ VTT1322WH 0.8 100 (5) 10 20 50 6 0.25 2 ±40˚ VTT1323WH 1 100 (5) 10 20 40 6 0.25 3 ±40˚ VTT3122EH 1.2 100 (5) 100 20 40 6 0.25 2.5 ±8˚ VTT3123EH 4 100 (5) 100 10 30 4 0.25 4 ±8˚ VTT3323LAH 2 20 (1) 100 10 30 5 0.25 3 ±10˚ VTT3324LAH 4 20 (1) 100 10 30 5 0.25 4 ±10˚ VTT3325LAH 6 20 (1) 100 10 30 5 0.25 5 ±10˚ VTT3423LAH 1 20 (1) 100 10 30 5 0.25 3 ±10˚ VTT3424LAH 2 20 (1) 100 10 30 5 0.25 4 ±10˚ VTT3425LAH 3 20 (1) 100 10 30 5 0.25 5 ±10˚ VTT7122H 1 100 (5) 100 10 30 5 0.25 2 ±36˚ VTT7123H 2 100 (5) 100 10 30 5 0.25 2 ±36˚ VTT7125H 4.5 100 (5) 100 10 30 5 0.25 2 ±36˚ VTT7222H 0.9 100 (5) 100 10 30 5 0.25 2 ±36˚ VTT7223H 1.8 100 (5) 100 10 30 5 0.25 2 ±36˚ VTT7225H 4 100 (5) 100 10 30 5 0.25 4 ±36˚ .025’’ x .025’’ NPN Phototransistors Technical Specification Table Key I C Light Current I CEO Dark Current H=0 V BR(CEO) Collector Breakdown I C =100 µA, H=0 V BR(ECO) Emitter Breakdown I E =100 µA, H=0 V CE(SAT) Saturation Voltage I C =1 mA, H=400 fc t R /t F Rise/Fall Time I C =1 mA, R L =100 Ω Electro-Optical Characteristics @ 25°C Light Current Dark Current Angular Part H fc (mW/cm2)nA VCE VBR(CEO) VBR(ECO) VCE(SAT) tR/tF Response Number mA min. VCE=5 V max. Volts Volts min. Volts min. Volts max. µsec, typ. θ 1/2 VTT1212H 2 20 (1) 100 10 30 5 0.25 4 ±10˚ VTT1214H 4 20 (1) 100 10 30 5 0.25 6 ±10˚ VTT1312H 1 20 (1) 100 10 30 5 0.25 4 ±10˚ VTT1314H 2.4 20 (1) 100 10 30 5 0.25 6 ±10˚ VTT9002H 2 100 (5) 100 10 30 6 0.55 4 ±50˚ VTT9003H 5 100 (5) 100 10 30 6 0.55 6 ±50˚ VTT9102H 6 100 (5) 100 5 30 4 0.55 6 ±42˚ VTT9103H 13 100 (5) 100 5 30 4 0.55 10 ±42˚ .04’’ x .04’’ NPN Phototransistors Technical Specification Electro-Optical Characteristics @ 25°C phototransistors Clear T- 1 3/4 (5 mm) Plastic Package VTT1212 VTT1223W VTT1227 VTT1214 VTT1225 VTT1222W VTT1226 IRT T-1 3/4 (5mm) Plastic Package VTT1322W VTT1312 VTT1323W VTT1314 Coax Hermetic (with case lead) VTT3122E VTT3123E Clear Long T- 1 (3 mm) Plastic Package VTT3323LA VTT3324LA VTT3325LA IRT Long T- 1 (3 mm) Plastic Package VTT3423LA VTT3424LA VTT3425LA Molded, Lensed Lateral Package VTT7122 VTT7123 VTT7125 IRT Molded, Lensed Lateral Package VTT7222 VTT7223 VTT7225 Clear Epoxy TO-106 Ceramic Package VTT9002 VTT9003 Epoxy Lensed TO-106 Ceramic Package VTT9102 VTT9103 |