Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

VTT3323LAH Fiches technique(PDF) 2 Page - List of Unclassifed Manufacturers

No de pièce VTT3323LAH
Description  Low-cost visible and near-IR photodetection
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ETC2 [List of Unclassifed Manufacturers]
Site Internet  
Logo ETC2 - List of Unclassifed Manufacturers

VTT3323LAH Fiches technique(HTML) 2 Page - List of Unclassifed Manufacturers

  VTT3323LAH Datasheet HTML 1Page - List of Unclassifed Manufacturers VTT3323LAH Datasheet HTML 2Page - List of Unclassifed Manufacturers VTT3323LAH Datasheet HTML 3Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
NPN Phototransistors
0.25", small area, high speed
0.04", medium area, high sensitivity
0.05", large area, high sensitivity
20
www.optoelectronics.perkinelmer.com
Light Current
Dark Current
Angular
Part
H fc (mW/cm2)
nA
VCE
VBR(CEO)
VBR(ECO)
VCE(SAT)
tR/tF
Response
Number
mA min.
VCE=5 V
max.
Volts
Volts min.
Volts min.
Volts max.
µsec, typ.
θ
1/2
VTT1222WH
1.9
100 (5)
10
20
50
6
0.25
2
±40˚
VTT1223WH
1.5
100 (5)
10
20
40
6
0.25
3
±40˚
VTT1225H
4
100 (5)
100
10
30
5
0.25
1.5
±5˚
VTT1226H
7.5
100 (5)
100
10
30
5
0.25
3
±5˚
VTT1227H
12
100 (5)
100
10
30
5
0.25
4
±5˚
VTT1322WH
0.8
100 (5)
10
20
50
6
0.25
2
±40˚
VTT1323WH
1
100 (5)
10
20
40
6
0.25
3
±40˚
VTT3122EH
1.2
100 (5)
100
20
40
6
0.25
2.5
±8˚
VTT3123EH
4
100 (5)
100
10
30
4
0.25
4
±8˚
VTT3323LAH
2
20 (1)
100
10
30
5
0.25
3
±10˚
VTT3324LAH
4
20 (1)
100
10
30
5
0.25
4
±10˚
VTT3325LAH
6
20 (1)
100
10
30
5
0.25
5
±10˚
VTT3423LAH
1
20 (1)
100
10
30
5
0.25
3
±10˚
VTT3424LAH
2
20 (1)
100
10
30
5
0.25
4
±10˚
VTT3425LAH
3
20 (1)
100
10
30
5
0.25
5
±10˚
VTT7122H
1
100 (5)
100
10
30
5
0.25
2
±36˚
VTT7123H
2
100 (5)
100
10
30
5
0.25
2
±36˚
VTT7125H
4.5
100 (5)
100
10
30
5
0.25
2
±36˚
VTT7222H
0.9
100 (5)
100
10
30
5
0.25
2
±36˚
VTT7223H
1.8
100 (5)
100
10
30
5
0.25
2
±36˚
VTT7225H
4
100 (5)
100
10
30
5
0.25
4
±36˚
.025’’ x .025’’ NPN Phototransistors
Technical Specification
Table Key
I
C
Light Current
I
CEO
Dark Current
H=0
V
BR(CEO)
Collector Breakdown
I
C
=100 µA, H=0
V
BR(ECO)
Emitter Breakdown
I
E
=100 µA, H=0
V
CE(SAT)
Saturation Voltage
I
C
=1 mA, H=400 fc
t
R
/t
F
Rise/Fall Time
I
C
=1 mA, R
L
=100
Ω
Electro-Optical Characteristics @ 25°C
Light Current
Dark Current
Angular
Part
H fc (mW/cm2)nA
VCE
VBR(CEO)
VBR(ECO)
VCE(SAT)
tR/tF
Response
Number
mA min.
VCE=5 V
max.
Volts
Volts min.
Volts min.
Volts max.
µsec, typ.
θ
1/2
VTT1212H
2
20 (1)
100
10
30
5
0.25
4
±10˚
VTT1214H
4
20 (1)
100
10
30
5
0.25
6
±10˚
VTT1312H
1
20 (1)
100
10
30
5
0.25
4
±10˚
VTT1314H
2.4
20 (1)
100
10
30
5
0.25
6
±10˚
VTT9002H
2
100 (5)
100
10
30
6
0.55
4
±50˚
VTT9003H
5
100 (5)
100
10
30
6
0.55
6
±50˚
VTT9102H
6
100 (5)
100
5
30
4
0.55
6
±42˚
VTT9103H
13
100 (5)
100
5
30
4
0.55
10
±42˚
.04’’ x .04’’ NPN Phototransistors
Technical Specification
Electro-Optical Characteristics @ 25°C
phototransistors
Clear T- 1 3/4 (5 mm) Plastic Package
VTT1212
VTT1223W
VTT1227
VTT1214
VTT1225
VTT1222W
VTT1226
IRT T-1 3/4 (5mm) Plastic Package
VTT1322W
VTT1312
VTT1323W
VTT1314
Coax Hermetic (with case lead)
VTT3122E
VTT3123E
Clear Long T- 1 (3 mm) Plastic Package
VTT3323LA
VTT3324LA
VTT3325LA
IRT Long T- 1 (3 mm) Plastic Package
VTT3423LA
VTT3424LA
VTT3425LA
Molded, Lensed Lateral Package
VTT7122
VTT7123
VTT7125
IRT Molded, Lensed Lateral Package
VTT7222
VTT7223
VTT7225
Clear Epoxy TO-106 Ceramic Package
VTT9002
VTT9003
Epoxy Lensed TO-106 Ceramic Package
VTT9102
VTT9103



Html Pages

1 2 3


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com