Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

MP1492DS Fiches technique(PDF) 4 Page - Monolithic Power Systems

No de pièce MP1492DS
Description  2A, 4.2V-16V Input, Fast Transient Synchronous Step-down Converter
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MPS [Monolithic Power Systems]
Site Internet  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP1492DS Fiches technique(HTML) 4 Page - Monolithic Power Systems

  MP1492DS Datasheet HTML 1Page - Monolithic Power Systems MP1492DS Datasheet HTML 2Page - Monolithic Power Systems MP1492DS Datasheet HTML 3Page - Monolithic Power Systems MP1492DS Datasheet HTML 4Page - Monolithic Power Systems MP1492DS Datasheet HTML 5Page - Monolithic Power Systems MP1492DS Datasheet HTML 6Page - Monolithic Power Systems MP1492DS Datasheet HTML 7Page - Monolithic Power Systems MP1492DS Datasheet HTML 8Page - Monolithic Power Systems MP1492DS Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 18 page
background image
MP1492 – 2A, 4.2V-16V INPUT, FAST TRANSIENT SYNCHRONOUS STEP-DOWN CONVERTER
MP1492 Rev. 1.1
www.MonolithicPower.com
4
3/13/2012
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2012 MPS. All Rights Reserved.
PIN FUNCTIONS
SOIC8
Pin #
Name
Description
1
IN
Supply Voltage. The MP1492 operates from a +4.2V to +16V input rail. C1 is needed to
decouple the input rail. Use wide PCB traces and multiple vias to make the connection.
2
GND
System Ground. This pin is the reference ground of the regulated output voltage. For this
reason care must be taken in PCB layout.
3
SW
Switch Output. Use wide PCB traces and multiple vias to make the connection.
4
BST
Bootstrap. A capacitor connected between SW and BST pins is required to form a floating
supply across the high-side switch driver.
5
BYP
Internal LDO output. Decouple with a 1µF ceramic capacitor. X7R or X5R grade dielectric
ceramic capacitors are recommended for their stable temperature characteristics.
6
EN
EN=1 to enable the MP1492. For automatic start-up, connect EN pin to VIN with a pull-up
resistor.
7
FB
Feedback. An external resistor divider from the output to GND, tapped to the FB pin, sets
the output voltage.
8
FREQ
Frequency. Setting Pin. Sets the full-load switching frequency driving CCM operation..
Connect a resistor R7 to IN to set the switching frequency. An optional 1nF decoupling
capacitor can be added to improve any switching frequency jitter that may be present.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18