Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

5895 Fiches technique(PDF) 7 Page - Allegro MicroSystems

No de pièce 5895
Description  BiMOS II 8-BIT SERIAL INPUT, LATCHED SOURCE DRIVERS
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ALLEGRO [Allegro MicroSystems]
Site Internet  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

5895 Fiches technique(HTML) 7 Page - Allegro MicroSystems

  5895 Datasheet HTML 1Page - Allegro MicroSystems 5895 Datasheet HTML 2Page - Allegro MicroSystems 5895 Datasheet HTML 3Page - Allegro MicroSystems 5895 Datasheet HTML 4Page - Allegro MicroSystems 5895 Datasheet HTML 5Page - Allegro MicroSystems 5895 Datasheet HTML 6Page - Allegro MicroSystems 5895 Datasheet HTML 7Page - Allegro MicroSystems 5895 Datasheet HTML 8Page - Allegro MicroSystems  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
5895
8-BIT SERIAL-INPUT,
LATCHED DRIVERS
UCN5895EP
Dimensions in Inches
(controlling dimensions)
NOTES:
1. Lead spacing tolerance is non-cumulative.
2. Exact body and lead configuration at vendor’s option within limits shown.
9
13
0.51
MIN
4.57
4.20
1.27
BSC
1
20
2
Dwg. MA-005-20A mm
10.03
9.78
9.042
8.890
0.812
0.661
0.533
0.331
3
4
8
14
18
19
9.042
8.890
10.03
9.78
INDEX AREA
4.29
3.58
4.29
3.58
Dimensions in Millimeters
(for reference only)
9
13
0.020
MIN
0.180
0.165
0.050
BSC
1
20
2
Dwg. MA-005-20A in
0.395
0.385
0.356
0.350
0.032
0.026
0.021
0.013
3
4
8
14
18
19
0.356
0.350
0.395
0.385
INDEX AREA
0.169
0.141
0.169
0.141



Html Pages

1 2 3 4 5 6 7 8