Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ADS7828EB2K5 Fiches technique(PDF) 19 Page - Texas Instruments

No de pièce ADS7828EB2K5
Description  12-Bit, 8-Channel Sampling ANALOG-TO-DIGITAL CONVERTER with I2C Interface
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI - Texas Instruments

ADS7828EB2K5 Fiches technique(HTML) 19 Page - Texas Instruments

Back Button ADS7828EB2K5 Datasheet HTML 14Page - Texas Instruments ADS7828EB2K5 Datasheet HTML 15Page - Texas Instruments ADS7828EB2K5 Datasheet HTML 16Page - Texas Instruments ADS7828EB2K5 Datasheet HTML 17Page - Texas Instruments ADS7828EB2K5 Datasheet HTML 18Page - Texas Instruments ADS7828EB2K5 Datasheet HTML 19Page - Texas Instruments ADS7828EB2K5 Datasheet HTML 20Page - Texas Instruments ADS7828EB2K5 Datasheet HTML 21Page - Texas Instruments ADS7828EB2K5 Datasheet HTML 22Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 19 / 22 page
background image
*All dimensions are nominal
Device
Package Type
Package Drawing
Pins
SPQ
Length (mm)
Width (mm)
Height (mm)
ADS7828E/250
TSSOP
PW
16
250
210.0
185.0
35.0
ADS7828E/2K5
TSSOP
PW
16
2500
367.0
367.0
35.0
ADS7828EB/250
TSSOP
PW
16
250
210.0
185.0
35.0
ADS7828EB/2K5
TSSOP
PW
16
2500
367.0
367.0
35.0
PACKAGE MATERIALS INFORMATION
www.ti.com
24-Apr-2013
Pack Materials-Page 2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22