| Moteur de recherche de fiches techniques de composants électroniques |
|
AD5245BRJ5-R2 Fiches technique(PDF) 13 Page - Analog Devices |
|
|
|||||||||||||||||||||||||||||
AD5245BRJ5-R2 Fiches technique(HTML) 13 Page - Analog Devices |
|
13 / 20 page ![]() AD5245 Rev. B | Page 13 of 20 THEORY OF OPERATION The AD5245 is a 256-position digitally controlled variable resistor (VR) device. An internal power-on preset places the wiper at midscale during power-on, which simplifies the fault condition recovery at power-up. PROGRAMMING THE VARIABLE RESISTOR Rheostat Operation The nominal resistance of the RDAC between Terminals A and B is available in 5 kΩ, 10 kΩ, 50 kΩ, and 100 kΩ. The nominal resistance (RAB) of the VR has 256 contact points accessed by the wiper terminal, plus the B terminal contact. The 8-bit data in the RDAC latch is decoded to select one of the 256 possible settings. A W B A W B A W B Figure 35. Rheostat Mode Configuration Assuming that a 10 kΩ part is used, the wiper’s first connection starts at the B terminal for Data 0x00. Because there is a 50 Ω wiper contact resistance, such a connection yields a minimum of 100 Ω (2 × 50 Ω) resistance between Terminals W and B. The second connection is the first tap point, which corresponds to 139 Ω (RWB = RAB/256 + 2 × RW = 39 Ω + 2 × 50 Ω) for Data 0x01. The third connection is the next tap point, representing 178 Ω (2 × 39 Ω + 2 × 50 Ω) for Data 0x02, and so on. Each LSB data value increase moves the wiper up the resistor ladder until the last tap point is reached at 10,100 Ω (RAB + 2 × RW). D5 D4 D3 D7 D6 D2 D1 D0 RDAC LATCH AND DECODER RS RS RS RS A W B Figure 36. AD5245 Equivalent RDAC Circuit The general equation determining the digitally programmed output resistance between W and B is W AB WB R R D D R × + × = 2 256 ) ( (1) where: D is the decimal equivalent of the binary code loaded in the 8-bit RDAC register. RAB is the end-to-end resistance. RW is the wiper resistance contributed by the on resistance of the internal switch. In summary, if RAB = 10 kΩ and the A terminal is open circuited, then the following output resistance RWB is set for the indicated RDAC latch codes. Table 6. Codes and Corresponding RWB Resistance D (Dec.) RWB (Ω) Output State 255 9,961 Full Scale (RAB – 1 LSB + RW) 128 5,060 Midscale 1 139 1 LSB 0 100 Zero Scale (Wiper Contact Resistance) Note that in the zero-scale condition, a finite wiper resistance of 100 Ω is present. Care should be taken to limit the current flow between W and B in this state to a maximum pulse current of no more than 20 mA. Otherwise, degradation or possible destruction of the internal switch contact can occur. Similar to the mechanical potentiometer, the resistance of the RDAC between the Wiper W and Terminal A also produces a digitally controlled complementary resistance, RWA. When these terminals are used, the B terminal can be opened. Setting the resistance value for RWA starts at a maximum value of resistance and decreases as the data loaded in the latch increases in value. The general equation for this operation is W AB WA R R D D R × + × − = 2 256 256 ) ( (2) For RAB = 10 kΩ and the B terminal open circuited, the following output resistance RWA is set for the indicated RDAC latch codes. Table 7. Codes and Corresponding RWA Resistance D (Dec.) RWA (Ω) Output State 255 139 Full Scale 128 5,060 Midscale 1 9,961 1 LSB 0 10,060 Zero Scale Typical device-to-device matching is process lot dependent and can vary by up to ±30%. Because the resistance element is processed in thin film technology, the change in RAB with temperature has a very low 45 ppm/°C temperature coefficient. |
|
|
Lien URL |
| ALLDATASHEET vous a-t-il été utile ? [ DONATE ] |
À propos de Alldatasheet | Publicité | Contactez-nous | Politique de confidentialité | Lien vers la fiche technique | Echange de liens | Fabricants All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |