| Moteur de recherche de fiches techniques de composants électroniques |
|
TAS5731MPHPR Fiches technique(PDF) 48 Page - Texas Instruments |
|
|
|
|||||||||||||||||||||||||||||
TAS5731MPHPR Fiches technique(HTML) 48 Page - Texas Instruments |
|
48 / 68 page ![]() TAS5731M SLOS838B – JULY 2013 – REVISED NOVEMBER 2013 www.ti.com SERIAL DATA INTERFACE REGISTER (0x04) As shown in Table 8, the TAS5731M supports 9 serial data modes. The default is 24-bit, I2S mode, Table 8. Serial Data Interface Control Register (0x04) Format RECEIVE SERIAL DATA WORD D7–D4 D3 D2 D1 D0 INTERFACE FORMAT LENGTH Right-justified 16 0000 0 0 0 0 Right-justified 20 0000 0 0 0 1 Right-justified 24 0000 0 0 1 0 I2S 16 000 0 0 1 1 I2S 20 0000 0 1 0 0 I2S (1) 24 0000 0 1 0 1 Left-justified 16 0000 0 1 1 0 Left-justified 20 0000 0 1 1 1 Left-justified 24 0000 1 0 0 0 Reserved 0000 1 0 0 1 Reserved 0000 1 0 1 0 Reserved 0000 1 0 1 1 Reserved 0000 1 1 0 0 Reserved 0000 1 1 0 1 Reserved 0000 1 1 1 0 Reserved 0000 1 1 1 1 (1) Default values are in bold. 48 Copyright © 2013, Texas Instruments Incorporated Product Folder Links :TAS5731M |