| Moteur de recherche de fiches techniques de composants électroniques |
|
PIC18F4680IMLSQTP Fiches technique(PDF) 17 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
PIC18F4680IMLSQTP Fiches technique(HTML) 17 Page - Microchip Technology |
|
17 / 482 page ![]() © 2007 Microchip Technology Inc. Preliminary DS39625C-page 15 PIC18F2585/2680/4585/4680 PORTC is a bidirectional I/O port. RC0/T1OSO/T13CKI RC0 T1OSO T13CKI 11 I/O O I ST — ST Digital I/O. Timer1 oscillator output. Timer1/Timer3 external clock input. RC1/T1OSI RC1 T1OSI 12 I/O I ST CMOS Digital I/O. Timer1 oscillator input. RC2/CCP1 RC2 CCP1 13 I/O I/O ST ST Digital I/O. Capture1 input/Compare1 output/PWM1 output. RC3/SCK/SCL RC3 SCK SCL 14 I/O I/O I/O ST ST ST Digital I/O. Synchronous serial clock input/output for SPI mode. Synchronous serial clock input/output for I2C™ mode. RC4/SDI/SDA RC4 SDI SDA 15 I/O I I/O ST ST ST Digital I/O. SPI data in. I2C data I/O. RC5/SDO RC5 SDO 16 I/O O ST — Digital I/O. SPI data out. RC6/TX/CK RC6 TX CK 17 I/O O I/O ST — ST Digital I/O. EUSART asynchronous transmit. EUSART synchronous clock (see related RX/DT). RC7/RX/DT RC7 RX DT 18 I/O I I/O ST ST ST Digital I/O. EUSART asynchronous receive. EUSART synchronous data (see related TX/CK). RE3 — — — See MCLR/VPP/RE3 pin. VSS 8, 19 P — Ground reference for logic and I/O pins. VDD 20 P — Positive supply for logic and I/O pins. TABLE 1-2: PIC18F2585/2680 PINOUT I/O DESCRIPTIONS (CONTINUED) Pin Name Pin Number Pin Type Buffer Type Description PDIP, SOIC Legend: TTL = TTL compatible input CMOS = CMOS compatible input or output ST = Schmitt Trigger input with CMOS levels I = Input O = Output P = Power |