| Moteur de recherche de fiches techniques de composants électroniques |
|
PIC18F2680ISPQTP Fiches technique(PDF) 23 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
PIC18F2680ISPQTP Fiches technique(HTML) 23 Page - Microchip Technology |
|
23 / 482 page ![]() © 2007 Microchip Technology Inc. Preliminary DS39625C-page 21 PIC18F2585/2680/4585/4680 PORTE is a bidirectional I/O port. RE0/RD/AN5 RE0 RD AN5 825 25 I/O I I ST TTL Analog Digital I/O. Read control for Parallel Slave Port (see also WR and CS pins). Analog input 5. RE1/WR/AN6/C1OUT RE1 WR AN6 C1OUT 926 26 I/O I I O ST TTL Analog TTL Digital I/O. Write control for Parallel Slave Port (see CS and RD pins). Analog input 6. Comparator 1 output. RE2/CS/AN7/C2OUT RE2 CS AN7 C2OUT 10 27 27 I/O I I O ST TTL Analog TTL Digital I/O. Chip select control for Parallel Slave Port (see related RD and WR). Analog input 7. Comparator 2 output. RE3 — — — — — See MCLR/VPP/RE3 pin. VSS 12, 31 6, 30, 31 6, 29 P — Ground reference for logic and I/O pins. VDD 11, 32 7, 8, 28, 29 7, 28 P — Positive supply for logic and I/O pins. NC — 13 12, 13, 33, 34 — — No connect. TABLE 1-3: PIC18F4585/4680 PINOUT I/O DESCRIPTIONS (CONTINUED) Pin Name Pin Number Pin Type Buffer Type Description PDIP QFN TQFP Legend: TTL = TTL compatible input CMOS = CMOS compatible input or output ST = Schmitt Trigger input with CMOS levels I = Input O = Output P = Power |