Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

PIC18F4680IPTQTP Fiches technique(PDF) 16 Page - Microchip Technology

No de pièce PIC18F4680IPTQTP
Description  PIC18F2585/2680/4585/4680 Data Sheet
PDF  482 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MICROCHIP [Microchip Technology]
Site Internet  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC18F4680IPTQTP Fiches technique(HTML) 16 Page - Microchip Technology

Back Button PIC18F4680IPTQTP Datasheet HTML 12Page - Microchip Technology PIC18F4680IPTQTP Datasheet HTML 13Page - Microchip Technology PIC18F4680IPTQTP Datasheet HTML 14Page - Microchip Technology PIC18F4680IPTQTP Datasheet HTML 15Page - Microchip Technology PIC18F4680IPTQTP Datasheet HTML 16Page - Microchip Technology PIC18F4680IPTQTP Datasheet HTML 17Page - Microchip Technology PIC18F4680IPTQTP Datasheet HTML 18Page - Microchip Technology PIC18F4680IPTQTP Datasheet HTML 19Page - Microchip Technology PIC18F4680IPTQTP Datasheet HTML 20Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 482 page
background image
PIC18F2585/2680/4585/4680
DS39625C-page 14
Preliminary
© 2007 Microchip Technology Inc.
PORTB is a bidirectional I/O port. PORTB can be software
programmed for internal weak pull-ups on all inputs.
RB0/INT0/AN10
RB0
INT0
AN10
21
I/O
I
I
TTL
ST
Analog
Digital I/O.
External interrupt 0.
Analog input 10.
RB1/INT1/AN8
RB1
INT1
AN8
22
I/O
I
I
TTL
ST
Analog
Digital I/O.
External interrupt 1.
Analog input 8.
RB2/INT2/CANTX
RB2
INT2
CANTX
23
I/O
I
O
TTL
ST
TTL
Digital I/O.
External interrupt 2.
CAN bus TX.
RB3/CANRX
RB3
CANRX
24
I/O
I
TTL
TTL
Digital I/O.
CAN bus RX.
RB4/KBI0/AN9
RB4
KBI0
AN9
25
I/O
I
I
TTL
TTL
Analog
Digital I/O.
Interrupt-on-change pin.
Analog input 9.
RB5/KBI1/PGM
RB5
KBI1
PGM
26
I/O
I
I/O
TTL
TTL
ST
Digital I/O.
Interrupt-on-change pin.
Low-Voltage ICSP™ Programming enable pin.
RB6/KBI2/PGC
RB6
KBI2
PGC
27
I/O
I
I/O
TTL
TTL
ST
Digital I/O.
Interrupt-on-change pin.
In-Circuit Debugger and ICSP programming clock pin.
RB7/KBI3/PGD
RB7
KBI3
PGD
28
I/O
I
I/O
TTL
TTL
ST
Digital I/O.
Interrupt-on-change pin.
In-Circuit Debugger and ICSP programming data pin.
TABLE 1-2:
PIC18F2585/2680 PINOUT I/O DESCRIPTIONS (CONTINUED)
Pin Name
Pin
Number
Pin
Type
Buffer
Type
Description
PDIP,
SOIC
Legend: TTL = TTL compatible input
CMOS = CMOS compatible input or output
ST
= Schmitt Trigger input with CMOS levels
I
= Input
O
= Output
P
= Power



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More