| Moteur de recherche de fiches techniques de composants électroniques |
|
PIC12F635EST Fiches technique(PDF) 20 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
PIC12F635EST Fiches technique(HTML) 20 Page - Microchip Technology |
|
20 / 234 page ![]() PIC12F635/PIC16F636/639 DS41232D-page 18 © 2007 Microchip Technology Inc. 2.2.1 GENERAL PURPOSE REGISTER The register file is organized as 64 x 8 for the PIC12F635 and 128 x 8 for the PIC16F636/639. Each register is accessed, either directly or indirectly, through the File Select Register, FSR (see Section 2.4 “Indirect Addressing, INDF and FSR Registers”). 2.2.2 SPECIAL FUNCTION REGISTERS The Special Function Registers (SFRs) are registers used by the CPU and peripheral functions for controlling the desired operation of the device (see Figure 2-1). These registers are static RAM. The special registers can be classified into two sets: core and peripheral. The Special Function Registers associated with the “core” are described in this section. Those related to the operation of the peripheral features are described in the section of that peripheral feature. |