Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

PIC16F636ESS Fiches technique(PDF) 8 Page - Microchip Technology

No de pièce PIC16F636ESS
Description  PIC12F635/PIC16F636/639 Data Sheet
PDF  234 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MICROCHIP [Microchip Technology]
Site Internet  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F636ESS Fiches technique(HTML) 8 Page - Microchip Technology

Back Button PIC16F636ESS Datasheet HTML 4Page - Microchip Technology PIC16F636ESS Datasheet HTML 5Page - Microchip Technology PIC16F636ESS Datasheet HTML 6Page - Microchip Technology PIC16F636ESS Datasheet HTML 7Page - Microchip Technology PIC16F636ESS Datasheet HTML 8Page - Microchip Technology PIC16F636ESS Datasheet HTML 9Page - Microchip Technology PIC16F636ESS Datasheet HTML 10Page - Microchip Technology PIC16F636ESS Datasheet HTML 11Page - Microchip Technology PIC16F636ESS Datasheet HTML 12Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 234 page
background image
PIC12F635/PIC16F636/639
DS41232D-page 6
© 2007 Microchip Technology Inc.
20-Pin Diagram
TABLE 4:
20-PIN SUMMARY
I/O
Pin
Analog Front-End
Comparators
Timer
Interrupts
Pull-ups
Basic
RA0
19
—
C1IN+
—
IOC
Y
ICSPDAT/ULPWU
RA1
18
—
C1IN-
—
IOC
Y
VREF/ICSPCLK
RA2
17
—
C1OUT
T0CKI
INT/IOC
Y
—
RA3(1)
4—
—
—
IOC
Y(2)
MCLR/VPP
RA4
3
—
—
T1G
IOC
Y
OSC2/CLKOUT
RA5
2
—
—
T1CKI
IOC
Y
OSC1/CLKIN
RC0
16
—
C2IN+
—
—
—
—
RC1
15
—
C2IN-
—
—
—
CS
RC2
14
ALERT
—
—
—
—
SCLK
RC3
7
LFDATA/RSSI
—
—
—
—
CCLK/SDIO
RC4
6
—
C2OUT
—
—
—
—
RC5
5
—
—
—
—
—
—
—
8
—
—
—
—
—
VDDT(3)
—
13
—
—
———
VSST(4)
—
11
LCX
—
—
—
—
—
—
10
LCY
—
———
—
—
9
LCZ
—
—
—
—
—
—
12
LCCOM
—
—
—
—
—
—
1
—
—
—
—
—
VDD
—
20
—
—
———
VSS
Note 1:
Input only.
2:
Only when pin is configured for external MCLR.
3:
VDDT is the supply voltage of the Analog Front-End section (PIC16F639 only). VDDT is treated as VDD in
this document unless otherwise stated.
4:
VSST is the ground reference voltage of the Analog Front-End section (PIC16F639 only). VSST is treated
as VSS in this document unless otherwise stated.
SSOP
VDD
RA5/T1CKI/OSC1/CLKIN
RA4/T1G/OSC2/CLKOUT
RA3/MCLR/VPP
RC5
RC4/C2OUT
RC3/LFDATA/RSSI/CCLK/SDIO
VDDT(3)
LCZ
LCY
VSS
RA0/C1IN+/ICSPDAT/ULPWU
RA1/C1IN-/VREF/ICSPCLK
RA2/TOCKI/INT/C1OUT
RC0/C2IN+
RC1/C2IN-/CS
RC2/SCLK/ALERT
VSST(4)
LCCOM
LCX
1
2
3
4
20
19
18
17
5
6
7
16
15
14
8
9
10
13
12
11



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More