Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

S25FS-S Fiches technique(PDF) 21 Page - SPANSION

No de pièce S25FS-S
Description  MirrorBit Flash Non-Volatile Memory
PDF  154 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SPANSION [SPANSION]
Site Internet  http://www.spansion.com
Logo SPANSION - SPANSION

S25FS-S Fiches technique(HTML) 21 Page - SPANSION

Back Button S25FS-S Datasheet HTML 17Page - SPANSION S25FS-S Datasheet HTML 18Page - SPANSION S25FS-S Datasheet HTML 19Page - SPANSION S25FS-S Datasheet HTML 20Page - SPANSION S25FS-S Datasheet HTML 21Page - SPANSION S25FS-S Datasheet HTML 22Page - SPANSION S25FS-S Datasheet HTML 23Page - SPANSION S25FS-S Datasheet HTML 24Page - SPANSION S25FS-S Datasheet HTML 25Page - SPANSION Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 154 page
background image
November 6, 2013 S25FS-S_00_04
S25FS-S Family
21
Da ta
Shee t
(Prelim i nar y )
3.12
Reserved for Future Use (RFU)
No device internal signal is currently connected to the package connector but there is potential future use of
the connector. It is recommended to not use RFU connectors for PCB routing channels so that the PCB may
take advantage of future enhanced features in compatible footprint devices.
3.13
Do Not Use (DNU)
A device internal signal may be connected to the package connector. The connection may be used by
Spansion for test or other purposes and is not intended for connection to any host system signal. Any DNU
signal related function will be inactive when the signal is at VIL. The signal has an internal pull-down resistor
and may be left unconnected in the host system or may be tied to VSS. Do not use these connections for PCB
signal routing channels. Do not connect any host system signal to these connections.
3.14
Block Diagrams
Figure 3.1 Bus Master and Memory Devices on the SPI Bus - Single Bit Data Path
SPI
Bus Master
RESET#
WP#
SO
SI
SCK
CS2#
CS1#
FS-S
Flash
FS-S
Flash
RESET#
WP#
SO
SI
SCK
CS2#
CS1#



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More