| Moteur de recherche de fiches techniques de composants électroniques |
|
UDN2549 Fiches technique(PDF) 8 Page - Allegro MicroSystems |
|
|
|||||||||||||||||||||||||||||
UDN2549 Fiches technique(HTML) 8 Page - Allegro MicroSystems |
|
8 / 8 page ![]() 2549 PROTECTED QUAD POWER DRIVER 115 Northeast Cutoff, Box 15036 Worcester, Massachusetts 01615-0036 (508) 853-5000 POWER SINK DRIVERS IN ORDER OF 1) OUTPUT CURRENT, 2) OUTPUT VOLTAGE, 3) NUMBER OF DRIVERS Output Ratings * Features Serial Latched Diode Internal mA V # Input Drivers Clamp Outputs Protection Part Number † 75 17 8 X X – constant current – 6275 17 16 X X – constant current – 6276 100 20 8 – – – saturated – 2595 30 32X X – – – 5833 40 32X X – saturated – 5832 50 8 addressable decoder/driver DMOS – 6B259 50 8 – X – DMOS – 6B273 50 8 X X – DMOS – 6B595 250 50 8 addressable decoder/driver DMOS – 6259 50 8 – X – DMOS – 6273 50 8 X X – DMOS – 6595 135 7 – – X – – 7003 300 45 1 – Hall sensor/driver X – X 5140 50 7 – – X – – 2003 50 8 – – X – – 2803 50 8 – – X saturated – 2596 60 4 – – X saturated X 2557 95 7 – – X – – 2023 95 8 – – X – – 2823 350 50 4 – X X – – 5800 50 7 – – X – – 2004 50 8 – – X – – 2804 50 8 – X X – – 5801 50 8 X X – – – 5821 50 8 X X X – – 5841 50 8 addressable decoder/driver DMOS – 6A259 50 8 X X – DMOS – 6A595 80 8 X X – – – 5822 80 8 X X X – – 5842 95 7 – – X – – 2024 95 8 – – X – – 2824 450 30 28 dual 4- to 14-line decoder/driver – – 6817 600 60 4 – – – saturated X 2547 60 4 – – X saturated X 2549 700 60 4 – – X saturated X 2543 and 2559 750 50 8 – – X saturated – 2597 900 14 2– Hall sensor/driver X saturated X 362 5 26 2 – Hall sensor/driver X saturated X 3626 1000 46 4 stepper motor controller/driver MOS – 7024 and 7029 1200 46 4 microstepping controller/driver MOS – 7042 1250 50 4 stepper motor translator/driver – X 5804 50 4 – – X – – 2064 and 2068 1500 80 4 – – X – – 2065 and 2069 1800 50 4 – – X – – 2544 50 4 – – X – – 2540 3000 46 4 stepper motor controller/driver MOS – 7026 46 4 microstepping controller/driver MOS – 7044 4000 50 4 – – X – – 2878 80 4 – – X – – 2879 * Current is maximum specified test condition, voltage is maximum rating. See specification for sustaining voltage limits or over-current protection voltage limits. † Complete part number includes additional characters to indicate operating temperature range and package style. |