| Moteur de recherche de fiches techniques de composants électroniques |
|
EEUFC0J152S Fiches technique(PDF) 8 Page - Panasonic Semiconductor |
|
|
|||||||||||||||||||||||||||||
EEUFC0J152S Fiches technique(HTML) 8 Page - Panasonic Semiconductor |
|
8 / 10 page ![]() Design and specifications are each subject to change without notice. Ask factory for the current technical specifications before purchase and/or use. Should a safety concern arise regarding this product, please be sure to contact us immediately. Aluminum Electrolytic Capacitors/ FC – EEE-70 – ■ Standard Products W.V. Cap. (±20 %) Case size Specification Lead Length Part No. Min. Packaging Q'ty Dia. Length Ripple Current (100 kHz) (+105 °C) Imped- ance (100 kHz) (+20 °C) Endur- ance Lead Dia. Lead Space Straight Leads Taping Straight Taping ✽B Taping ✽H (V) (µF) (mm) (mm) (mA r.m.s.) ( )(hours) (mm) (mm) (mm) (mm) (pcs) (pcs) 50 1.0 5 11 20 2.4001000 0.50 2.05.0 2.5 EEUFC1H1R0( ) 200 2000 2.2 5 11 45 1.800 1000 0.50 2.0 5.0 2.5 EEUFC1H2R2( ) 200 2000 3.3 5 11 65 1.3001000 0.50 2.05.0 2.5 EEUFC1H3R3( ) 200 2000 4.7 5 11 95 1.300 1000 0.50 2.0 5.0 2.5 EEUFC1H4R7( ) 200 2000 10 4 11 90 2.500 1000 0.45 1.5 5.0 2.5 EEUFC1H100( ) 200 2000 5 11 125 1.300 1000 0.50 2.05.0 2.5 EEUFC1H100L( ) 200 2000 12 5 11 135 1.300 1000 0.50 2.05.0 2.5 EEUFC1H120( ) 200 2000 15 5 11 145 1.300 1000 0.50 2.05.0 2.5 EEUFC1H150( ) 200 2000 18 5 11 155 1.300 1000 0.50 2.05.0 2.5 EEUFC1H180( ) 200 2000 22 5 11 155 1.300 1000 0.50 2.05.0 2.5 EEUFC1H220( ) 200 2000 27 5 15 215 0.900 1000 0.50 2.05.0 2.5 EEUFC1H270( ) 200 2000 33 6.3 11.2 260 0.600 1000 0.50 2.5 5.0 2.5 EEUFC1H330( ) 200 2000 39 6.3 11.2 260 0.600 1000 0.50 2.5 5.0 2.5 EEUFC1H390( ) 200 2000 47 6.3 11.2 260 0.600 1000 0.50 2.5 5.0 2.5 EEUFC1H470( ) 200 2000 56 6.3 15 360 0.400 1000 0.50 2.5 5.0 2.5 EEUFC1H560( ) 200 2000 68 8 11.5 485 0.234 2000 0.60 3.5 5.0 EEUFC1H680( ) 200 1000 82 8 11.5 485 0.234 2000 0.60 3.5 5.0 EEUFC1H820( ) 200 1000 100 10 12.5 615 0.162 3000 0.60 5.0 5.0 EEUFC1H101( ) 200 500 120 8 15 635 0.155 2000 0.60 3.5 5.0 EEUFC1H121L( ) 200 1000 10 12.5 615 0.162 3000 0.60 5.0 5.0 EEUFC1H121( ) 200 500 150 10 16 850 0.119 3000 0.60 5.0 5.0 EEUFC1H151( ) 200 500 180 8 20 860 0.120 2000 0.60 3.5 5.0 EEUFC1H181L( ) 200 1000 10 16 850 0.119 3000 0.60 5.0 5.0 EEUFC1H181( ) 200 500 220 10 20 1030 0.090 3000 0.60 5.0 5.0 EEUFC1H221( ) 200 500 12.5 15 1150 0.110 5000 0.60 5.0 5.0 EEUFC1H221S( ) 200 500 270 10 25 1200 0.082 3000 0.60 5.0 5.0 EEUFC1H271( ) 200 500 330 10 30 1610 0.060 3000 0.60 5.0 EEUFC1H331L 100 12.5 20 1480 0.063 5000 0.60 5.0 5.0 EEUFC1H331( ) 200 500 390 12.5 20 1480 0.063 5000 0.60 5.0 5.0 EEUFC1H391( ) 200 500 16 15 1610 0.080 5000 0.80 7.5 7.5 EEUFC1H391S( ) 100 250 470 10 30 1610 0.060 3000 0.60 5.0 EEUFC1H471L 100 12.5 25 1832 0.050 5000 0.60 5.0 5.0 EEUFC1H471( ) 200 500 560 12.5 25 1832 0.050 5000 0.60 5.0 5.0 EEUFC1H561( ) 200 500 18 15 1900 0.068 5000 0.80 7.5 7.5 EEUFC1H561S( ) 100 250 680 12.5 30 2215 0.040 5000 0.80 5.0 EEUFC1H681L 100 16 20 1835 0.048 5000 0.80 7.5 7.5 EEUFC1H681( ) 100 250 820 12.5 35 2285 0.034 5000 0.80 5.0 EEUFC1H821L 100 18 20 2420 0.042 5000 0.80 7.5 7.5 EEUFC1H821( ) 100 250 1000 12.5 40 2590 0.030 5000 0.80 5.0 EEUFC1H102L 100 16 25 2235 0.034 5000 0.80 7.5 7.5 EEUFC1H102( ) 100 250 1200 16 31.5 2700 0.028 5000 0.80 7.5 EEUFC1H122 100 18 25 2610 0.029 5000 0.80 7.5 7.5 EEUFC1H122S( ) 100 250 1500 16 35.5 2790 0.025 5000 0.80 7.5 EEUFC1H152L 100 1800 16 40 2845 0.023 5000 0.80 7.5 EEUFC1H182L 100 18 31.5 3000 0.025 5000 0.80 7.5 EEUFC1H182 50 2200 18 35.5 3100 0.023 5000 0.80 7.5 EEUFC1H222 50 · When requesting taped product, please put the letter "B" or "H" between the "( )". Lead wire pitch B=5 mm, 7.5 mm, H=2.5 mm. · Please refer to the page of “Taping Dimensions”. Endurance : 105 °C φ4 to φ6.3=1000 h, φ8=2000 h, φ10=3000 h, φ12.5 to φ18=5000 h 00 Nov. 2012 |