| Moteur de recherche de fiches techniques de composants électroniques |
|
ECKA3D472FGP Fiches technique(PDF) 4 Page - Panasonic Semiconductor |
|
|
|||||||||||||||||||||||||||||
ECKA3D472FGP Fiches technique(HTML) 4 Page - Panasonic Semiconductor |
|
4 / 9 page ![]() Design and specifications are each subject to change without notice. Ask factory for the current technical specifications before purchase and/or use. Should a safety concern arise regarding this product, please be sure to contact us immediately. High Voltage Ceramic Disc Capacitors (Low loss type) ■ Ratings and Characteristics ● Series KGE (Class 1, Temp. Char. SL/GP, 1 kVDC to 6 kVDC) Rated Volt. Cap. in pF Capacitance Tolerance (%) Dimensions in mm Kinked Lead Type (Bulk) Kinked Lead Taping Type D max. T max. Part Number Dimensions in mm Part Number Taped Type Dimensions in mm Fd F d 1 kVDC 12 ±5, ±106.0 5.0 ECCA3A120 GE 5.0 0.60 ECCN3A120 GE N0 5.0 0.60 15 ±5, ±106.0 5.0 ECCA3A150 GE 5.0 0.60 ECCN3A150 GE N0 5.0 0.60 18 ±5, ±106.0 5.0 ECCA3A180 GE 5.0 0.60 ECCN3A180 GE N0 5.0 0.60 22 ±5, ±106.0 5.0 ECCA3A220 GE 5.0 0.60 ECCN3A220 GE N0 5.0 0.60 27 ±5, ±10 6.0 5.0 ECCA3A270 GE 5.0 0.60 ECCN3A270 GE N0 5.0 0.60 33 ±5, ±106.0 5.0 ECCA3A330 GE 5.0 0.60 ECCN3A330 GE N0 5.0 0.60 39 ±5, ±106.0 5.0 ECCA3A390 GE 5.0 0.60 ECCN3A390 GE N0 5.0 0.60 47 ±5, ±106.0 5.0 ECCA3A470 GE 5.0 0.60 ECCN3A470 GE N0 5.0 0.60 56 ±5, ±106.0 5.0 ECCA3A560 GE 5.0 0.60 ECCN3A560 GE N0 5.0 0.60 68 ±5, ±106.0 5.0 ECCA3A680 GE 5.0 0.60 ECCN3A680 GE N0 5.0 0.60 82 ±5, ±106.0 5.0 ECCA3A820 GE 5.0 0.60 ECCN3A820 GE N0 5.0 0.60 100 ±5, ±10 7.0 5.0 ECCA3A101 GE 5.0 0.60 ECCN3A101 GE N0 5.0 0.60 120 ±5, ±10 7.0 5.0 ECCA3A121 GE 5.0 0.60 ECCN3A121 GE N0 5.0 0.60 150 ±5, ±10 8.0 5.0 ECCA3A151 GE 5.0 0.60 ECCN3A151 GE N0 5.0 0.60 180 ±5, ±10 8.0 5.0 ECCA3A181 GE 5.0 0.60 ECCN3A181 GE N0 5.0 0.60 220 ±5, ±10 9.0 5.0 ECCA3A221 GE 5.0 0.60 ECCN3A221 GE N0 5.0 0.60 270 ±5, ±10 9.0 5.0 ECCA3A271 GE 5.0 0.60 ECCN3A271 GE N0 5.0 0.60 330 ±5, ±10 11.0 5.0 ECCA3A331 GE 5.0 0.60 ECCN3A331 GE N0 5.0 0.60 390 ±5, ±10 11.0 5.0 ECCA3A391 GE 5.0 0.60 ECCN3A391 GE N0 5.0 0.60 470 ±5, ±10 13.0 5.0 ECCA3A471 GE 7.5 0.65 ECCN3A471 GE N1 7.5 0.65 2 kVDC 12 ±5, ±107.0 5.5 ECCA3D120 GE 7.5 0.65 ECCN3D120 GE N1 7.5 0.65 15 ±5, ±107.0 5.5 ECCA3D150 GE 7.5 0.65 ECCN3D150 GE N1 7.5 0.65 18 ±5, ±107.0 5.5 ECCA3D180 GE 7.5 0.65 ECCN3D180 GE N1 7.5 0.65 22 ±5, ±107.0 5.5 ECCA3D220 GE 7.5 0.65 ECCN3D220 GE N1 7.5 0.65 27 ±5, ±10 7.0 5.5 ECCA3D270 GE 7.5 0.65 ECCN3D270 GE N1 7.5 0.65 33 ±5, ±107.0 5.5 ECCA3D330 GE 7.5 0.65 ECCN3D330 GE N1 7.5 0.65 39 ±5, ±107.0 5.5 ECCA3D390 GE 7.5 0.65 ECCN3D390 GE N1 7.5 0.65 47 ±5, ±107.0 5.5 ECCA3D470 GE 7.5 0.65 ECCN3D470 GE N1 7.5 0.65 56 ±5, ±107.0 5.5 ECCA3D560 GE 7.5 0.65 ECCN3D560 GE N1 7.5 0.65 68 ±5, ±107.0 5.5 ECCA3D680 GE 7.5 0.65 ECCN3D680 GE N1 7.5 0.65 82 ±5, ±107.0 5.5 ECCA3D820 GE 7.5 0.65 ECCN3D820 GE N1 7.5 0.65 100 ±5, ±10 8.0 5.5 ECCA3D101 GE 7.5 0.65 ECCN3D101 GE N1 7.5 0.65 120 ±5, ±10 8.0 5.5 ECCA3D121 GE 7.5 0.65 ECCN3D121 GE N1 7.5 0.65 150 ±5, ±10 9.0 5.5 ECCA3D151 GE 7.5 0.65 ECCN3D151 GE N1 7.5 0.65 180 ±5, ±10 10.0 5.5 ECCA3D181 GE 7.5 0.65 ECCN3D181 GE N1 7.5 0.65 220 ±5, ±10 10.0 5.5 ECCA3D221 GE 7.5 0.65 ECCN3D221 GE N1 7.5 0.65 3 kVDC 12 ±5, ±107.0 6.0 ECCA3F120 GE 7.5 0.65 ECCN3F120 GE N1 7.5 0.65 15 ±5, ±107.0 6.0 ECCA3F150 GE 7.5 0.65 ECCN3F150 GE N1 7.5 0.65 18 ±5, ±107.0 6.0 ECCA3F180 GE 7.5 0.65 ECCN3F180 GE N1 7.5 0.65 22 ±5, ±107.0 6.0 ECCA3F220 GE 7.5 0.65 ECCN3F220 GE N1 7.5 0.65 27 ±5, ±10 7.0 6.0 ECCA3F270 GE 7.5 0.65 ECCN3F270 GE N1 7.5 0.65 33 ±5, ±107.0 6.0 ECCA3F330 GE 7.5 0.65 ECCN3F330 GE N1 7.5 0.65 39 ±5, ±107.0 6.0 ECCA3F390 GE 7.5 0.65 ECCN3F390 GE N1 7.5 0.65 47 ±5, ±107.0 6.0 ECCA3F470 GE 7.5 0.65 ECCN3F470 GE N1 7.5 0.65 56 ±5, ±108.0 6.0 ECCA3F560 GE 7.5 0.65 ECCN3F560 GE N1 7.5 0.65 68 ±5, ±108.0 6.0 ECCA3F680 GE 7.5 0.65 ECCN3F680 GE N1 7.5 0.65 82 ±5, ±109.0 6.0 ECCA3F820 GE 7.5 0.65 ECCN3F820 GE N1 7.5 0.65 100 ±5, ±1010.06.0 ECCA3F101 GE 7.5 0.65 ECCN3F101 GE N1 7.5 0.65 120 ±5, ±1010.06.0 ECCA3F121 GE 7.5 0.65 ECCN3F121 GE N1 7.5 0.65 150 ±5, ±10 11.0 6.0 ECCA3F151 GE 7.5 0.65 ECCN3F151 GE N1 7.5 0.65 Note : ···Capacitance Tolerance Code J (± 5%) or K (± 10%) Feb. 2006 |