| Moteur de recherche de fiches techniques de composants électroniques |
|
0603C-R11F Fiches technique(PDF) 2 Page - Frontier Electronics. |
|
|
|||||||||||||||||||||||||||||
0603C-R11F Fiches technique(HTML) 2 Page - Frontier Electronics. |
|
2 / 3 page ![]() SMD wire wound Ceramic Chip Inductor: P/N 0603C-series Rev. B Jan. 18, 2010. Page: 2 of 3 Frontier Electronics Corp. 667 E. COCHRAN STREET, SIMI VALLEY, CA 93065 TEL: (805) 522-9998 FAX: (805) 522-9989 E-mail: frontiersales@frontierusa.com Web: http://www.frontierusa.com SMD Wire Wound Ceramic Chip Inductors—0603C series B. Dimensions: (Unit: mm) SERIES A (Max.) B (Max.) C (Max.) D (Max.) E F 0603C 1.80 1.12 1.02 0.64 0.64 1.02 C. Mechanical Drawing: D. Color coding: 1. These parts are marked with single color dot. 2. The dot represented inductance value shows on the table. E. General information: 1. P/N: 0603C-XXX_: 0603C: Size, “XXX”: Inductance, “_”: Tolerance. 2. Tolerance: M: ± 20%, K: ± 10%, J: ± 5%, G: ± 2%, F: ± 1%. 3. Small and lightweight surface mounting type. 4. High Q at high frequency. 5. High self-resonance frequency. 6. For 15ºC Temperature Rise. 7. Inductance & Q measured using the HP4291B. 8. SRF measured using the HP8720D or HP8753E. 9. DCR measured using the 502BC. 10. Operating temperature: -40 °C TO +125ºC. 11. Inductance and Current Range: 1.6nH(700mA)∼270nH(170mA). 12. SRF: From 12GHz to 900MHz. 13. RoHS compliant. F. Applications: Pagers. Mobile communication units. Portable telephone. Hybrid. Special specifications are available for customer’s requirement. Identifier for 0603C & 0805C series. Top view Land Pattern 0.86 0.33 D F A B C (0.034") (0.013") (0.013") 0.33 E E |