Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

IPLU300N04S4-R7 Fiches technique(PDF) 7 Page - Infineon Technologies AG

No de pièce IPLU300N04S4-R7
Description  OptiMOS-T2 Power-Transistor
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  INFINEON [Infineon Technologies AG]
Site Internet  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

IPLU300N04S4-R7 Fiches technique(HTML) 7 Page - Infineon Technologies AG

  IPLU300N04S4-R7 Datasheet HTML 1Page - Infineon Technologies AG IPLU300N04S4-R7 Datasheet HTML 2Page - Infineon Technologies AG IPLU300N04S4-R7 Datasheet HTML 3Page - Infineon Technologies AG IPLU300N04S4-R7 Datasheet HTML 4Page - Infineon Technologies AG IPLU300N04S4-R7 Datasheet HTML 5Page - Infineon Technologies AG IPLU300N04S4-R7 Datasheet HTML 6Page - Infineon Technologies AG IPLU300N04S4-R7 Datasheet HTML 7Page - Infineon Technologies AG IPLU300N04S4-R7 Datasheet HTML 8Page - Infineon Technologies AG IPLU300N04S4-R7 Datasheet HTML 9Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
IPLU300N04S4-R7
13 Typical avalanche energy
14 Drain-source breakdown voltage
E AS = f(T j)
V BR(DSS) = f(T j); I D_typ = 1 mA
parameter: I D
15 Typ. gate charge
16 Gate charge waveforms
V GS = f(Q gate); I D = 300 A pulsed
parameter: V DD
38
39
40
41
42
43
44
-60
-20
20
60
100
140
180
T
j [°C]
8 V
32 V
0
2
4
6
8
10
12
0
40
80
120
160
200
240
Q
gate [nC]
300 A
150 A
75 A
0
400
800
1200
1600
25
75
125
175
T
j [°C]
V GS
Q gate
Q gs
Q gd
Q g
V GS
Q gate
Q gs
Q gd
Q g
Rev. 1.0
page 7
2013-11-12



Html Pages

1 2 3 4 5 6 7 8 9