| Moteur de recherche de fiches techniques de composants électroniques |
|
1008C-R18M Fiches technique(PDF) 2 Page - Frontier Electronics. |
|
|
|||||||||||||||||||||||||||||
1008C-R18M Fiches technique(HTML) 2 Page - Frontier Electronics. |
|
2 / 3 page ![]() SMD wire wound Ceramic Chip Inductor: P/N 1008C-series Rev. A Jan. 01, 2006 Page: 2 of 3 Frontier Electronics Corp. 667 E. COCHRAN STREET, SIMI VALLEY, CA 93065 TEL: (805) 522-9998 FAX: (805) 522-9989 E-mail: frontiersales@frontierusa.com Web: http://www.frontierusa.com SMD Wire Wound Ceramic Chip Inductors—1008C series B. Dimensions: (Unit: mm ) SERIES A (Max.) B (Max.) C (Max.) D (Max.) E F 1008C 2.92 2.79 2.03 1.02 1.27 2.54 C. Mechanical Drawing: D. Color coding: 1. Parts are marked with 3 color dots. The table at below shows the significance of each color. 2. Dots 1 and 2 indicate the inductance in nano-Henries. 3. Dots 3 indicate number of zeroes to be added. E. General information: 1. P/N: 1008C-XXX_: 1008C: Size, “XXX”: Inductance, “_”: Tolerance. 2. Tolerance: M: ± 20%, K: ± 10%, J: ± 5%, G: ± 2%, F: ± 1%. 3. High Q at high frequency. 4. High self-resonance frequency. 5. Inductance & Q measured using the HP4291B 6. SRF measured using the HP8720D or HP8753E. 7. DCR measured using the 502BC. 8. For 15ºC Temperature Rise. 9. Operating temperature: -40ºC TO +125ºC. 10. Inductance and Current Range: From 10.0nH(1000mA) ∼4700nH(260mA). 11. SRF: From 4.1GHz to 90MHz. 12. RoHS compliant. F. Applications: Pagers. Mobile communication units. Portable telephone. Hybrid. Special specifications are available for customer’s requirement. 3rd Multiplier 1st : Inductance 2nd: inductance Top view 0 = Black 5=Green 1 = Brown 6=Blue 2 = Red 7 = Violet 3 = Orange 8 = Gray 4 = Yellow 9 = White Color code table Land Pattern 0.51 1.52 0.51 E D E F A B C |