Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AD9411PCB Fiches technique(PDF) 15 Page - Analog Devices

No de pièce AD9411PCB
Description  High Speed ADC USB FIFO Evaluation Kit
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AD [Analog Devices]
Site Internet  http://www.analog.com
Logo AD - Analog Devices

AD9411PCB Fiches technique(HTML) 15 Page - Analog Devices

Back Button AD9411PCB Datasheet HTML 11Page - Analog Devices AD9411PCB Datasheet HTML 12Page - Analog Devices AD9411PCB Datasheet HTML 13Page - Analog Devices AD9411PCB Datasheet HTML 14Page - Analog Devices AD9411PCB Datasheet HTML 15Page - Analog Devices AD9411PCB Datasheet HTML 16Page - Analog Devices AD9411PCB Datasheet HTML 17Page - Analog Devices AD9411PCB Datasheet HTML 18Page - Analog Devices AD9411PCB Datasheet HTML 19Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 28 page
background image
HSC-ADC-EVALB-SC/HSC-ADC-EVALB-DC
Rev. 0 | Page 15 of 28
C8
C1
C2
C3
C4
C5
C6
C7
C9
C10
C11
C12
C13
C14
C15
C16
C17
C18
C19
C20
J104
C28
C21
C22
C23
C24
C25
C26
C27
C29
C30
C31
C32
C33
C34
C35
C36
C37
C38
C39
C40
22
B8
B1
B2
B3
B4
B5
B6
B7
B9
B10
B11
B12
B13
B14
B15
B16
B17
B18
B19
B20
J104
B28
B21
B22
B23
B24
B25
B26
B27
B29
B30
B31
B32
B33
B34
B35
B36
B37
B38
B39
B40
CTRL_C
CTRL_C
CTRL_A
D2_17
D2_16
CTRL_A
D2_17
D2_16
D1_17
D1_16
D1_17
D1_16
A8
A1
A2
A3
A4
A5
A6
A7
A9
A10
A11
A12
A13
A14
A15
A16
A17
A18
A19
A20
J104
A28
A21
A22
A23
A24
A25
A26
A27
A29
A30
A31
A32
A33
A34
A35
A36
A37
A38
A39
A40
CTRL_D
CTRL_D
CTRL_B
CTRL_B
DUT_CLK2
D1_15
D1_14
D1_13
D1_12
D1_11
D1_10
D1_9
D1_8
D1_7
D1_6
D1_5
D1_4
D1_3
D1_2
D1_1
D1_0
D2_0
D2_0
D2_1
D2_1
D2_2
D2_2
D2_3
D2_3
D2_4
D2_4
D2_5
D2_5
D2_6
D2_6
D2_7
D2_7
D2_8
D2_8
D2_9
D2_9
D2_10
D2_10
D2_11
D2_11
D2_12
D2_12
D2_13
D2_13
D2_14
D2_14
D2_15
D2_15
D1_2
D1_3
D1_4
D1_5
D1_6
D1_7
D1_8
D1_9
D1_10
D1_11
D1_12
D1_13
D1_14
D1_15
D1_0
D1_1
DUT_CLK1
CLKB
MSB
LSB
CLKA
MSB
LSB
CHB
CHA
TEST POINTS
PLACEMENT OF HEADER KEY HERE
PLACEMENT OF HEADER KEY HERE
TEST POINTS
SDO
16
15
14
13
12
11
10
9
1
2
3
4
5
6
7
8
RZ101
19
18
17
16
15
14
13
12
11
10
20
VCC
Y0
Y1
Y2
Y3
Y4
Y5
Y6
Y7
A0
A1
A2
A3
A4
A5
A6
A7
74VHC541MTC
GND
U102
OE2
VCC
OE
1
2
3
4
5
6
7
8
9
CSB1
CSB2
SCLK
CSB3
CSB4
SDI
R104
10kΩ
R103
10kΩ
ALL SPI LABELS ARE WITH
RESPECT TO THE DUT.
CMOS INPUTS
Figure 6. Schematic (Continued)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28