Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ADM1275-3ARQZ-R7 Fiches technique(PDF) 8 Page - Analog Devices

No de pièce ADM1275-3ARQZ-R7
Description  Hot-Swap Controller and Digital Power
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AD [Analog Devices]
Site Internet  http://www.analog.com
Logo AD - Analog Devices

ADM1275-3ARQZ-R7 Fiches technique(HTML) 8 Page - Analog Devices

Back Button ADM1275-3ARQZ-R7 Datasheet HTML 4Page - Analog Devices ADM1275-3ARQZ-R7 Datasheet HTML 5Page - Analog Devices ADM1275-3ARQZ-R7 Datasheet HTML 6Page - Analog Devices ADM1275-3ARQZ-R7 Datasheet HTML 7Page - Analog Devices ADM1275-3ARQZ-R7 Datasheet HTML 8Page - Analog Devices ADM1275-3ARQZ-R7 Datasheet HTML 9Page - Analog Devices ADM1275-3ARQZ-R7 Datasheet HTML 10Page - Analog Devices ADM1275-3ARQZ-R7 Datasheet HTML 11Page - Analog Devices ADM1275-3ARQZ-R7 Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 48 page
background image
ADM1275
Data Sheet
Rev. D | Page 8 of 48
ABSOLUTE MAXIMUM RATINGS
Table 3.
Parameter
Rating
VCC Pin
−0.3 V to +25 V
UV Pin
−0.3 V to +4 V
OV Pin
−0.3 V to +4 V
SS Pin
−0.3 V to VCAP + 0.3 V
TIMER Pin
−0.3 V to VCAP + 0.3 V
VCAP Pin
−0.3 V to +4 V
ISET Pin
−0.3 V to VCAP + 0.3 V
LATCH Pin
−0.3 V to +25 V
SCL Pin
−0.3 V to +6.5 V
SDA Pin
−0.3 V to +6.5 V
ADR Pin
−0.3 V to VCAP + 0.3 V
GPO1/ALERT1/CONV Pin, ENABLE Pin
−0.3 V to +25 V
GPO2/ALERT2 Pin
−0.3 V to +25 V
PWRGD Pin
−0.3 V to +25 V
FLB Pin
−0.3 V to +25 V
VOUT Pin
−0.3 V to +25 V
GATE Pin (Internal Supply Only)1
−0.3 V to +36 V
SENSE+ Pin
−0.3 V to +25 V
SENSE− Pin
−0.3 V to +25 V
VSENSE (VSENSE+ − VSENSE−)
±0.3 V
Continuous Current into Any Pin
±10 mA
Storage Temperature Range
−65°C to +125°C
Operating Temperature Range
−40°C to +85°C
Lead Temperature, Soldering (10 sec)
300°C
Junction Temperature
150°C
1
The GATE pin has internal clamping circuits to prevent the GATE pin voltage
from exceeding the maximum ratings of a MOSFET with VGSMAX = 20 V and
internal process limits. Applying a voltage source to this pin externally may
cause irreversible damage.
Stresses above those listed under Absolute Maximum Ratings
may cause permanent damage to the device. This is a stress
rating only; functional operation of the device at these or any
other conditions above those indicated in the operational
section of this specification is not implied. Exposure to absolute
maximum rating conditions for extended periods may affect
device reliability.
THERMAL CHARACTERISTICS
θJA is specified for the worst-case conditions, that is, a device
soldered in a circuit board for surface-mount packages.
Table 4. Thermal Resistance
Package Type
θJA
Unit
16-lead QSOP (RQ-16)
150
°C/W
20-lead QSOP (RQ-20)
126
°C/W
20-lead LFCSP (CP-20-9)
30.4
°C/W
ESD CAUTION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48