| Moteur de recherche de fiches techniques de composants électroniques |
|
ADM1275-1ACPZ-R7 Fiches technique(PDF) 28 Page - Analog Devices |
|
|
|||||||||||||||||||||||||||||
ADM1275-1ACPZ-R7 Fiches technique(HTML) 28 Page - Analog Devices |
|
28 / 48 page ![]() ADM1275 Data Sheet Rev. D | Page 28 of 48 SMBus MESSAGE FORMATS Figure 58 to Figure 65 show all the SMBus protocols supported by the ADM1275, along with the PEC variant. In these figures, unshaded cells indicate that the bus host is actively driving the bus; shaded cells indicate that the ADM1275 is driving the bus. Figure 58 to Figure 65 use the following abbreviations: S = start condition Sr = repeated start condition P = stop condition R = read bit W = write bit A = acknowledge bit (0) A = acknowledge bit (1) “A” represents the ACK (acknowledge) bit. The ACK bit is typi- cally active low (Logic 0) if the transmitted byte is successfully received by a device. However, when the receiving device is the bus master, the acknowledge bit for the last byte read is a Logic 1, indicated by A. SP A A W SLAVE ADDRESS DATA BYTE S P A A W SLAVE ADDRESS DATA BYTE PEC A MASTER TO SLAVE SLAVE TO MASTER Figure 58. Send Byte and Send Byte with PEC SP A A R SLAVE ADDRESS DATA BYTE S P A A R SLAVE ADDRESS DATA BYTE PEC MASTER TO SLAVE SLAVE TO MASTER A Figure 59. Receive Byte and Receive Byte with PEC SA A W SLAVE ADDRESS COMMAND CODE DATA BYTE P A SA A W SLAVE ADDRESS COMMAND CODE DATA BYTE P APEC A MASTER TO SLAVE SLAVE TO MASTER Figure 60. Write Byte and Write Byte with PEC A SLAVE ADDRESS R DATA BYTE Sr A A S A A W SLAVE ADDRESS COMMAND CODE P A PEC SA A W SLAVE ADDRESS COMMAND CODE SLAVE ADDRESS P RDATA BYTE Sr A MASTER TO SLAVE SLAVE TO MASTER Figure 61. Read Byte and Read Byte with PEC P SA A W SLAVE ADDRESS COMMAND CODE DATA BYTE LOW A A SA A W SLAVE ADDRESS COMMAND CODE DATA BYTE LOW ADATA BYTE HIGH DATA BYTE HIGH A P A PEC MASTER TO SLAVE SLAVE TO MASTER Figure 62. Write Word and Write Word with PEC Sr A SLAVE ADDRESS A R SA W SLAVE ADDRESS COMMAND CODE A DATA BYTE LOW P A A A DATA BYTE HIGH Sr A SLAVE ADDRESS A R SA W SLAVE ADDRESS COMMAND CODE A DATA BYTE LOW DATA BYTE HIGH P PEC MASTER TO SLAVE SLAVE TO MASTER Figure 63. Read Word and Read Word with PEC |