| Moteur de recherche de fiches techniques de composants électroniques |
|
4316P-R2R-503 Fiches technique(PDF) 3 Page - Bourns Electronic Solutions |
|
|
|||||||||||||||||||||||||||||
4316P-R2R-503 Fiches technique(HTML) 3 Page - Bourns Electronic Solutions |
|
3 / 4 page ![]() Specifications are subject to change without notice. Electrical *Circuit Codes Configuration Tape & Reel Tubes Examples Isolated 1 T01 4816P-1-101 Bussed 2 T02 Isolated Circuit in Tape & Reel Package Dual Terminated 3 T03 4816P-T01-101 Adj. Isolated 4 T04 Isolated Circuit in Slide Tube Package *4816P-X-RC: To specify package type, replace “X” with appropriate “Circuit Code”. Model Standard Quantity Carrier Tape Cover Tape Reel Width Pocket Center Per Reel Width (W) Width (V) (T) (F) 4416P 1,500 4420P 1,500 24.0 ± .30 21.0 NOM. 30.4 MAX. 11.5 ± .10 4814P (.945 ± .012) (.827) (1.197) (.453 ± .004) 4816P 2,000 4818P 4820P 4908P 12mm Contact Contact 8mm 4914P 2,500 12mm Factory Factory 8mm 4916P 16mm 8mm POLYSTYRENE REEL (ANTI-STATIC) T NOTE: DIMENSIONS NOT SPECIFIED ARE PER EIA RS-481-2. DIMENSIONS: F W 4.0 ± .10 (.157 ± .004) CARRIER TAPE STATIC DISSIPATIVE V COVER TAPE (ANTISTATIC) 12.0 ± .10 (.472 ± .004) DIRECTION OF FEED MIN. 1.5 (.059) MIN. 20.2 (.795) MAX. 330.2 (13.0) 13.0 ± .20 (.512 ± .008) DIA. 1.5 + .10/ - .00 (.059 + .004/ - .00) 1.5 (.059) MIN. DIA. MM (IN) Leader Length = 500 min. } Empty Component Pockets Trailer Length = 500mm min. Sealed with Cover Tape Surface Mounted Ordering Guide |