Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AD8366ACPZ-R7 Fiches technique(PDF) 25 Page - Analog Devices

No de pièce AD8366ACPZ-R7
Description  DC to 600 MHz, Dual-Digital Variable Gain Amplifiers
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AD [Analog Devices]
Site Internet  http://www.analog.com
Logo AD - Analog Devices

AD8366ACPZ-R7 Fiches technique(HTML) 25 Page - Analog Devices

Back Button AD8366ACPZ-R7 Datasheet HTML 20Page - Analog Devices AD8366ACPZ-R7 Datasheet HTML 21Page - Analog Devices AD8366ACPZ-R7 Datasheet HTML 22Page - Analog Devices AD8366ACPZ-R7 Datasheet HTML 23Page - Analog Devices AD8366ACPZ-R7 Datasheet HTML 24Page - Analog Devices AD8366ACPZ-R7 Datasheet HTML 25Page - Analog Devices AD8366ACPZ-R7 Datasheet HTML 26Page - Analog Devices AD8366ACPZ-R7 Datasheet HTML 27Page - Analog Devices AD8366ACPZ-R7 Datasheet HTML 28Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 25 / 28 page
background image
AD8366
Rev. A | Page 25 of 28
EVALUATION BOARD
The schematic for the AD8366 evaluation board is shown in Figure 60. The board can be used for single-ended or differential baseband
analysis. The default configuration of the board is for single-ended baseband analysis.
C33
AD8366
CCMA
VPSOA
OPMA
OFSA
VCMA
OPPA
CCMB
VPSOB
OPMB
OFSB
VCMB
OPPB
R30
R29
R34
R69
R65
R67
R71
R70
R35
R39
T3
C26
C24
R16
R19
R20
R58
R47
R46
R63
R62
R21
R15
T2
C5
C21
R13
R12
R17
R48
R44
R45
R54
R50
R18
R14
T1
C20
C18
R33
R31
R36
R72
R68
R80
R74
R73
R37
R38
T4
C27
C25
C11
C2
C29
C31
VPSO_A
VCMA
VPSO_B
VCMB
C12
C3
C10
S12
C9
VPSI_B
VPSI_A
C23
C16
C15
C14
C13
C1
S1
C30
C22
C28
S11
Figure 60. Evaluation Board Schematic



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28