Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AD8212WYRMZ-R71 Fiches technique(PDF) 12 Page - Analog Devices

No de pièce AD8212WYRMZ-R71
Description  High Voltage Current Shunt Monitor
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AD [Analog Devices]
Site Internet  http://www.analog.com
Logo AD - Analog Devices

AD8212WYRMZ-R71 Fiches technique(HTML) 12 Page - Analog Devices

Back Button AD8212WYRMZ-R71 Datasheet HTML 8Page - Analog Devices AD8212WYRMZ-R71 Datasheet HTML 9Page - Analog Devices AD8212WYRMZ-R71 Datasheet HTML 10Page - Analog Devices AD8212WYRMZ-R71 Datasheet HTML 11Page - Analog Devices AD8212WYRMZ-R71 Datasheet HTML 12Page - Analog Devices AD8212WYRMZ-R71 Datasheet HTML 13Page - Analog Devices AD8212WYRMZ-R71 Datasheet HTML 14Page - Analog Devices AD8212WYRMZ-R71 Datasheet HTML 15Page - Analog Devices AD8212WYRMZ-R71 Datasheet HTML 16Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 12 / 16 page
background image
AD8212
Rev. B | Page 12 of 16
BIDIRECTIONAL CURRENT SENSING
The AD8212 is a unidirectional current sensing device.
Therefore, in power management applications where both the
charge and load currents must be monitored, two devices can
be used and connected as shown in Figure 27. In this case,
VOUT1 increases as ILOAD flows through the shunt resistor. VOUT2
increases when ICHARGE flows through the input shunt resistor.
VOUT1
ILOAD
ROUT1
IOUT
COM
BIAS
ALPHA
IOUT
VSENSE
VSENSE
V+
V+
COM
BIAS
ALPHA
AD8212
RSHUNT
OUTPUT
CURRENT
COMPENSATION
ICHARGE
VOUT2
ROUT2
AD8212
OUTPUT
CURRENT
COMPENSATION
BIAS
CIRCUIT
BIAS
CIRCUIT
8
8
6
3
2
5
6
3
2
5
1
1
Figure 27. Bidirectional Current Sensing



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16