Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

PIC24FJ64GA Fiches technique(PDF) 48 Page - Microchip Technology

No de pièce PIC24FJ64GA
Description  PIC24FJXXXGA0XX Flash Programming Specification
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MICROCHIP [Microchip Technology]
Site Internet  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC24FJ64GA Fiches technique(HTML) 48 Page - Microchip Technology

Back Button PIC24FJ64GA Datasheet HTML 44Page - Microchip Technology PIC24FJ64GA Datasheet HTML 45Page - Microchip Technology PIC24FJ64GA Datasheet HTML 46Page - Microchip Technology PIC24FJ64GA Datasheet HTML 47Page - Microchip Technology PIC24FJ64GA Datasheet HTML 48Page - Microchip Technology PIC24FJ64GA Datasheet HTML 49Page - Microchip Technology PIC24FJ64GA Datasheet HTML 50Page - Microchip Technology PIC24FJ64GA Datasheet HTML 51Page - Microchip Technology PIC24FJ64GA Datasheet HTML 52Page - Microchip Technology  
Zoom Inzoom in Zoom Outzoom out
 48 / 52 page
background image
PIC24FJXXXGA0XX
DS39768D-page 48
© 2008 Microchip Technology Inc.
PIC24FJ128GAGA006
Disabled
CFGB + SUM(0:0157FB)
0xF8CC
0xF6CE
Enabled
0
0x0000
0x0000
PIC24FJ128GAGA008
Disabled
CFGB + SUM(0:0157FB)
0xF8CC
0xF6CE
Enabled
0
0x0000
0x0000
PIC24FJ128GAGA010
Disabled
CFGB + SUM(0:0157FB)
0xF8CC
0xF6CE
Enabled
0
0x0000
0x0000
TABLE 6-4:
CHECKSUM COMPUTATION (CONTINUED)
Device
Read Code
Protection
Checksum Computation
Erased
Checksum
Value
Checksum with
0xAAAAAA at 0x0 and Last
Code Address
Legend:
Item
Description
SUM[a:b]
=
Byte sum of locations, a to b inclusive (all 3 bytes of code memory)
CFGB
=
Configuration Block (masked),
64/80/100-Pin Devices = Byte sum of (CW1 & 0x7DDF + CW2 & 0x87E3)
28/44-Pin Devices = Byte sum of (CW1 & 0x7FDF + CW2 & 0xFFF7)
Note:
CW1 address is last location of implemented program memory; CW2 is (last location – 2).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52