Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SP6656ER3 Fiches technique(PDF) 2 Page - Sipex Corporation

No de pièce SP6656ER3
Description  High Efficiency 400mA Synchronous Buck Regulator with Dynamically Adjustable Voltage Output
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SIPEX [Sipex Corporation]
Site Internet  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP6656ER3 Fiches technique(HTML) 2 Page - Sipex Corporation

  SP6656ER3 Datasheet HTML 1Page - Sipex Corporation SP6656ER3 Datasheet HTML 2Page - Sipex Corporation SP6656ER3 Datasheet HTML 3Page - Sipex Corporation SP6656ER3 Datasheet HTML 4Page - Sipex Corporation SP6656ER3 Datasheet HTML 5Page - Sipex Corporation SP6656ER3 Datasheet HTML 6Page - Sipex Corporation SP6656ER3 Datasheet HTML 7Page - Sipex Corporation SP6656ER3 Datasheet HTML 8Page - Sipex Corporation SP6656ER3 Datasheet HTML 9Page - Sipex Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
2
Date: 3/6/06
SP6656, 400mA Synchronous Buck Regulator with Dynamically Adjustable Voltage Output
© Copyright 2006 Sipex Corporation
VIN = UVIN = VEN = 3.6V, VOUT = VFB, IO = 0mA, TAMB = -40°C to +85°C, typical values at 25°C unless otherwise noted.
PV
IN,VIN .............................................................................................. 6V
All other pins .............................................................. -0.3V to V
IN+0.3V
PV
IN, PGND, LX current ........................................................................ 2A
Storage Temperature .................................................. -65 °C to 150 °C
Operating Temperature ................................................. -40°C to +85°C
ABSOLUTE MAXIMUM RATINGS
These are stress ratings only and functional operation of the device at
these ratings or any other above those indicated in the operation sections
of the specifications below is not implied. Exposure to absolute maximum
rating conditions for extended periods of time may affect reliability.
ELECTRICAL CHARACTERISTICS
PARAMETER
MIN
TYP
MAX
UNITS
CONDITIONS
Input Voltage Operating
UVLO
5.5
V
Range
Minimum Output Voltage
1.0
V
FB Set Voltage, Vr
0.784
0.800
0.816
V
25°C, IO = 200mA Close Loop. LI = 10µH,
COUT = 22µF
Overall Accuracy
Measured at VIN = 5.5V, no load and
(-40°C to 85°C)
±5%
VIN=3.6V, 200mA load, Close Loop
(0°C to 70°C)
±4
On-Time Constant - KON
1.5
2.25
3.0
V*µsClose Loop, LI = 10µH,COUT = 22µF
Min, TON=KON/(VIN-VOUT)
Off-Time Constant - KOFF
1.6
2.4
3.2
V*µsInductor current limit tripped, VFB = 0.5V
Min, TOFF=KOFF/VOUT
Measured at VOUT = 1V
Off-Time Blanking
100
ns
Turn On Time
250
400
µs
400mA Load
PMOS Switch Resistance
0.3
0.6
Ω
IPMOS = 200mA
NMOS Switch Resistance
0.3
0.6
Ω
INMOS = 200mA
Inductor Current Limit
500
625
750
mA
VFB = 0.5V
Power Efficiency
96
%
VOUT = 2.5V, IO = 200mA
92
VOUT = 3.3V, IO = 400mA
Minimum Guaranteed Load
400
500
mA
Current
VIN Quiescent Current
20
30
µAVOUT = 3.3V, VIN = 3.6V and VIN = 5.5V
VIN Shutdown Current
1
500
nA
EN = 0.0V
VOUT Quiescent Current
2
5
µAVOUT = 3.3V
VOUT Shutdown Current
1
500
nA
EN = 0.0V
UVLO
Undervoltage Lockout
2.55
2.70
2.85
V
EN = VIN,
Threshold, VIN falling
UVLO hysteresis
40
mV
OVSO Output Voltage
50
100
mV
VIN = EN; Iovso =1mA; OVSI = 1 = Vcc
OVSO Leakage Current
5
100
nA
VIN = EN; Vovso= 3.6V;OVSI= 0.0V= GND
Over-Temperature
140
°C
Rising Trip Point
Over-Temperature Hysteresis
14
°C
EN Leakage Current
1
500
nA
EN Input Threshold Voltage
0.60
0.90
V
High to Low Transition
1.25
1.8
V
Low to High Transition
FB Leakage Current
1
100
nA
FB =1V
LX Leakage
3
5
µA
EN = 0.0V, VIN = 3.6V
LX = 0.0V, LX = VIN + 0.2V
OVSI Leakage Current
1
500
nA
OVSI Input Threshold Voltage
0.60
0.90
V
High to Low Transition
1.25
1.8
Low to High Transition



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16