Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AD2S83IP Fiches technique(PDF) 2 Page - Analog Devices

No de pièce AD2S83IP
Description  Variable Resolution, Resolver-to-Digital Converter
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AD [Analog Devices]
Site Internet  http://www.analog.com
Logo AD - Analog Devices

AD2S83IP Fiches technique(HTML) 2 Page - Analog Devices

  AD2S83IP Datasheet HTML 1Page - Analog Devices AD2S83IP Datasheet HTML 2Page - Analog Devices AD2S83IP Datasheet HTML 3Page - Analog Devices AD2S83IP Datasheet HTML 4Page - Analog Devices AD2S83IP Datasheet HTML 5Page - Analog Devices AD2S83IP Datasheet HTML 6Page - Analog Devices AD2S83IP Datasheet HTML 7Page - Analog Devices AD2S83IP Datasheet HTML 8Page - Analog Devices AD2S83IP Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 19 page
background image
AD2S83–SPECIFICATIONS
Parameter
Conditions
Min
Typ
Max
Unit
SIGNAL INPUTS (SIN, COS)
Frequency
1
0
20,000
Hz
Voltage Level
1.8
2.0
2.2
V rms
Input Bias Current
60
150
nA
Input Impedance
1.0
M
Ω
REFERENCE INPUT (REF)
Frequency
0
20,000
Hz
Voltage Level
1.0
8.0
V pk
Input Bias Current
60
150
nA
Input Impedance
1.0
M
Ω
PERFORMANCE
Repeatability
1
LSB
Allowable Phase Shift
(Signals to Reference)
–10
+10
Degree
Max Tracking Rate
10 Bits
1040
rps
12 Bits
260
rps
14 Bits
65
rps
16 Bits
16.25
rps
Bandwidth
User Selectable
ACCURACY
Angular Accuracy
A, I
8 +1 LSB
arc min
Monotonicity
Guaranteed Monotonic
Missing Codes (16-Bit Resolution)
A, I
4
Codes
VELOCITY SIGNAL
LINEARITY
2, 3, 4
AD2S83AP
0 kHz–500 kHz
–40
°C to +85°C
±0.15
0.25
% FSR
0.5 MHz–1 MHz
–40
°C to +85°C
±0.25
1.0
% FSR
AD2S83IP
0 kHz–500 kHz
–40
°C to +85°C
±0.25
0.5
% FSR
0.5 MHz–1 MHz
–40
°C to +85°C
±0.25
1.0
% FSR
Reversion Error
AD2S83AP
–40
°C to +85°C
±0.5
1.0
% O/P
AD2S83IP
–40
°C to +85°C
±1.0
1.5
% O/P
DC Zero Offset
5
±3mV
Gain Scaling Accuracy
±1.5
3
% FSR
Output Voltage
1 mA Load
±8V
Dynamic Ripple
Mean Value
1.0
% rms O/P
INPUT/OUTPUT PROTECTION
Analog Inputs
Overvoltage Protection
±8V
Analog Outputs
Short Circuit O/P Protection
±5.6
±8
±10.4
mA
DIGITAL POSITION
Resolution
10, 12, 14, and 16
Bits
Output Format
Bidirectional Natural Binary
Load
3
LSTTL
INHIBIT6
Sense
Logic LO to
INHIBIT
Time to Stable Data
240
390
490
ns
ENABLE6
Logic LO Enables Position Output
Logic HI Outputs in High
ENABLE6/Disable Time
Impedance State
35
110
ns
BYTE SELECT
6
Sense
Logic HI
MS Byte DB1–DB8
Logic LO
LS Byte DB1–DB8
Time to Data Available
60
140
ns
SHORT CYCLE INPUTS
Internally Pulled High via
100 k
Ω to +V
S
SC1
SC2
0
0
10-Bit Resolution
0
1
12-Bit Resolution
1
0
14-Bit Resolution
1
1
16-Bit Resolution
( VS =
12 V dc
5%; VL = 5 V dc
10%; TA = –40 C to +85 C)
–2–
REV. E



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19