Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

LSM6DB0TR Fiches technique(PDF) 40 Page - STMicroelectronics

No de pièce LSM6DB0TR
Description  3D accelerometer, 3D gyroscope and signal processor
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LSM6DB0TR Fiches technique(HTML) 40 Page - STMicroelectronics

Back Button LSM6DB0TR Datasheet HTML 36Page - STMicroelectronics LSM6DB0TR Datasheet HTML 37Page - STMicroelectronics LSM6DB0TR Datasheet HTML 38Page - STMicroelectronics LSM6DB0TR Datasheet HTML 39Page - STMicroelectronics LSM6DB0TR Datasheet HTML 40Page - STMicroelectronics LSM6DB0TR Datasheet HTML 41Page - STMicroelectronics LSM6DB0TR Datasheet HTML 42Page - STMicroelectronics LSM6DB0TR Datasheet HTML 43Page - STMicroelectronics LSM6DB0TR Datasheet HTML 44Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 66 page
background image
Register description
LSM6DB0
40/66
DocID025603 Rev 1
11
Register description
The device contains a set of registers which are used to control its behavior and to retrieve
linear acceleration, angular rate and temperature data. The register addresses, made up of
7 bits, are used to identify them and to write the data through the serial interface.
11.1
INT_GEN_CFG2_XL (01h)
Linear acceleration sensor interrupt generator 2 configuration register (r/w).
Table 19. INT_GEN_CFG2_XL register description
Table 18. INT_GEN_CFG2_XL register
AOI2_XL
6D2
ZHIE2_XL ZLIE2_XL YHIE2_XL YLIE2_XL XHIE2_XL XLIE2_XL
AOI2_XL
And/Or combination of accelerometer’s interrupt 2 events. Default value: 0.
(0: OR combination; 1: AND combination)
6D2
6 direction detection function for interrupt 2. Default value: 0.
(0: disabled; 1: enabled)
ZHIE2_XL
Enable interrupt 2 generation on accelerometer’s Z-axis high event or on direction
recognition. Default value: 0.
(0: disable interrupt request; 1: enable interrupt request)
ZLIE2_XL
Enable interrupt 2 generation on accelerometer’s Z-axis low event or on direction
recognition. Default value: 0.
(0: disable interrupt request; 1: enable interrupt request)
YHIE2_XL
Enable interrupt 2 generation on accelerometer’s Y-axis high event or on direction
recognition. Default value: 0.
(0: disable interrupt request; 1: enable interrupt request)
YLIE2_XL
Enable interrupt 2 generation on accelerometer’s Y-axis low event or on direction
recognition. Default value: 0.
(0: disable interrupt request; 1: enable interrupt request)
XHIE2_XL
Enable interrupt 2 generation on accelerometer’s X-axis high event or on direction
recognition. Default value: 0.
(0: disable interrupt request; 1: enable interrupt request)
XLIE2_XL
Enable interrupt 2 generation on accelerometer’s X-axis low event or on direction
recognition. Default value: 0.
(0: disable interrupt request; 1: enable interrupt request)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66